Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO315C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSO315C
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO315C Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSO315C Datasheet HTML 1Page - Infineon Technologies AG BSO315C Datasheet HTML 2Page - Infineon Technologies AG BSO315C Datasheet HTML 3Page - Infineon Technologies AG BSO315C Datasheet HTML 4Page - Infineon Technologies AG BSO315C Datasheet HTML 5Page - Infineon Technologies AG BSO315C Datasheet HTML 6Page - Infineon Technologies AG BSO315C Datasheet HTML 7Page - Infineon Technologies AG BSO315C Datasheet HTML 8Page - Infineon Technologies AG BSO315C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1999-09-22
Page 1
Preliminary data
BSO 315 C
SIPMOS® Small-Signal-Transistor
Product Summary
N
P
Drain source voltage
VDS
30
-30
V
Drain-Source on-state
resistance
RDS(on)
0.11
0.25
Continuous drain current
ID
3.4
-2.3
A
Features
• Dual N- and P -Channel
Enhancement mode
• Logic Level
• Avalanche rated
• dv/dt rated
Type
Package
Ordering Code
BSO 315 C
SO 8
Q67041-S4014
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
N
P
Continuous drain current
TA = 25 °C
TA = 70 °C
ID
3.4
2.7
-2.3
-1.8
A
Pulsed drain current
TA = 25 °C
ID puls
11.6
-7.2
Avalanche energy, single pulse
ID = 2.9 A, VDD = 25 V, RGS = 25 Ω
ID = -1.8 A, VDD = -25 V, RGS = 25 Ω
EAS
25
-
-
35
mJ
Avalanche energy, periodic limited by
Tjmax
EAR
0.2
0.2
Reverse diode d
v/dt, Tjmax = 150 °C
IS = 2.9 A, VDS = 24 , di/dt = 200 A/µs
IS = -1.8 A, VDS = -24 , di/dt = -200 A/µs
d
v/dt
6
-
-
6
kV/µs
Gate source voltage
VGS
±20
±20
V
Power dissipation
TA = 25 °C
Ptot
2
2
W
Operating and storage temperature
Tj , Tstg
-55...+150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSO315C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO300N03S INFINEON-BSO300N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO301 INFINEON-BSO301 Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-17
BSO301SP INFINEON-BSO301SP Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-17
logo
VBsemi Electronics Co.,...
BSO301SP VBSEMI-BSO301SP Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
More results

Similar Description - BSO315C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com