Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B41-05-2 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B41-05-2
Description  Isolated, Voltage or Current Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B41-05-2 Datasheet(HTML) 2 Page - Analog Devices

  7B41-05-2 Datasheet HTML 1Page - Analog Devices 7B41-05-2 Datasheet HTML 2Page - Analog Devices 7B41-05-2 Datasheet HTML 3Page - Analog Devices 7B41-05-2 Datasheet HTML 4Page - Analog Devices 7B41-05-2 Datasheet HTML 5Page - Analog Devices 7B41-05-2 Datasheet HTML 6Page - Analog Devices 7B41-05-2 Datasheet HTML 7Page - Analog Devices 7B41-05-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B41
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B41 is a single-channel signal conditioning module that
interfaces, amplifies and filters unipolar and bipolar voltage
inputs and provides a protected precision output of either +1 V
to +5 V or 0 V to +10 V. Model 7B41 features a nonlinearity of
+0.02% maximum and an accuracy of +0.1% maximum
(+0.01% typical). To accurately measure low level signals in
electrically noisy environments, 1500 V rms of galvanic
transformer-based isolation with a common mode rejection
(CMR) of 110 dB @ 50/60 Hz and a normal mode rejection
(NMR) of 100 dB @ 50/60 are provided. Rated to operate with
nominal +24 VDC supply, Model 7B41 is mix-and-match and
hot-swappable with other 7B Series input modules, so it an be
inserted or removed from any socket in the same backplane
without disturbing system power.
The floating differential input of Model 7B41 is fully protected
up to 240 V rms line voltage. A one-pole 10 KHz filter
preconditions the input signal prior to amplification by a low
drift input amplifier. Amplitude modulation is used to
implement transformer isolation (1500 V rms input-to-output
and power). Isolated front-end circuitry power is supplied by a
DC/DC converter. The output section contains a four pole low
pass filter (-3 dB @ 10KHz), a buffer amplifier and a power
oscillator. The two-pole output filter and subsequent buffer
ensures that a low noise, low impedance (<1Ω) signal is
available at the output to drive loads of 2 kΩ minimum.
Figure 2


Similar Part No. - 7B41-05-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B41 AD-7B41_15 Datasheet
555Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
More results

Similar Description - 7B41-05-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B30 AD-7B30 Datasheet
533Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B30 AD-7B30_15 Datasheet
534Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B33 AD-7B33 Datasheet
529Kb / 8P
   ISOLATED, VOLTAGE OR CURRENT INPUT
REV. 0
7B33 AD-7B33_15 Datasheet
535Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B40 AD-7B40 Datasheet
556Kb / 8P
   Isolated Voltage or Current Input
REV. 0
7B40 AD-7B40_15 Datasheet
556Kb / 8P
   Isolated Voltage or Current Input
REV. 0
5B42 AD-5B42 Datasheet
693Kb / 8P
   ISOLATED, PROCESS CURRENT INPUT
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
   Isolated, Process Current Input
REV. 0
3B32 AD-3B32 Datasheet
352Kb / 8P
   Isolated, Process Current Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com