Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12A01M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 12A01M
Description  Low-Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

12A01M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  12A01M Datasheet HTML 1Page - Sanyo Semicon Device 12A01M Datasheet HTML 2Page - Sanyo Semicon Device 12A01M Datasheet HTML 3Page - Sanyo Semicon Device 12A01M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12A01M
No.7478-3/4
--1.0
5
3
100
1000
7
5
3
2
--1000
--100
27
5
3
27
5
3
27
--10
fT -- IC
IT05208
27
35
--10
23
--1.0
27
35
--0.1
10
1.0
2
3
7
5
2
3
5
Cob -- VCB
IT05207
IT05206
--1.0
35
7 --10
23
5
7
23
5
7
2
--100
--1000
--10
--1.0
--0.1
7
5
3
2
7
5
3
2
VBE(sat) -- IC
IT05205
--1.0
--100
--10
23
5
7
23
5
7
23
5
7
--100
--1000
--10
7
5
3
2
--1000
7
5
3
2
VCE(sat) -- IC
0
100
20
40
60
80
100
120
300
250
200
150
350
140
160
PC -- Ta
IT05209
IC / IB=50
Ta=75
°C
25°
C
--25
°C
Ta= --25°C
25°C
75°C
IC / IB=20
VCE= --2V
f=1MHz
Ambient Temperature, Ta --
°C
Mounted
on
a glass-epoxy
board(20
!
30
!
1.6mm)
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Base Current, IB -- mA
Ron -- IB
f=1MHz
--0.1
IT06068
2
0.1
7
5
3
2
1.0
7
5
3
10
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
1k
IB


Similar Part No. - 12A01M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
12A01C SANYO-12A01C Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01S SANYO-12A01S Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SP SANYO-12A01SP Datasheet
52Kb / 3P
   12A01SP
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 12A01M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com