Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXFV301N16TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXFV301N16TC
Description  4:1 HIGH SPEED MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV301N16TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXFV301N16TC Datasheet HTML 1Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 2Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 3Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 4Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 5Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 6Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 7Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 8Page - Zetex Semiconductors ZXFV301N16TC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXFV301
ISSUE 2 - NOVEMBER 2002
4
1
10
100
1000
-30
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
C
L=10pF
C
L=0pF
Vin = 0dBm
Av = +1
Frequency Response
Frequency (MHz)
Vin = 10dBm
Av = +1
Typical All Hostile Cross Talk
Frequency (MHz)
Vin = 10dBm
Av = +1
Vin = 10dBm
Av = +1
Typical Disabled Cross Talk
Frequency (MHz)
Feed-through Vs Frequency
Unselected Channel
Frequency (MHz)
CHARACTERISTICS


Similar Part No. - ZXFV301N16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFV301N16TC DIODES-ZXFV301N16TC Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
More results

Similar Description - ZXFV301N16TC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com