Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC5955 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5955 Datasheet HTML 1Page - National Semiconductor (TI) CLC5955 Datasheet HTML 2Page - National Semiconductor (TI) CLC5955 Datasheet HTML 3Page - National Semiconductor (TI) CLC5955 Datasheet HTML 4Page - National Semiconductor (TI) CLC5955 Datasheet HTML 5Page - National Semiconductor (TI) CLC5955 Datasheet HTML 6Page - National Semiconductor (TI) CLC5955 Datasheet HTML 7Page - National Semiconductor (TI) CLC5955 Datasheet HTML 8Page - National Semiconductor (TI) CLC5955 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
http://www.national.com
2
CLC5955
CLC5955 Electrical Characteristics (V
cc= +5V, 55MSPS; unless specified) (Tmin = -40°C, Tmax = +85°C)
PARAMETERS
CONDITIONS
TEMP
RATINGS
UNITS
NOTES
MIN
TYP
MAX
2
RESOLUTION
Full
11
Bits
1
DIFF. INPUT VOLTAGE RANGE
Full
2.048
V
MAXIMUM CONVERSION RATE
Full
55
75
MSPS
1
SNR
fin = 25MHz, Ain = -1dBFS
+25°C
60
64
dBFS
1
SFDR
fin = 25MHz, Ain = -1dBFS
+25°C
65
74
dBc
1
DYNAMIC PERFORMANCE
large-signal bandwidth
Ain = -3dBFS
+25°C
300
MHz
overvoltage recovery time
Ain = 1.5FS (0.01%)
+25°C
12
ns
effective aperture delay (Ta)
+25°C
-0.41
ns
aperture jitter
+25°C
0.3
ps(rms)
NOISE AND DISTORTION
signal-to-noise ratio (w/o 50 harmonics)
fin = 5.0MHz
Ain = -1dBFS
Full
65
dBFS
fin = 25MHz
Ain = -1dBFS
Full
57
64
dBFS
1
fin = 75MHz
Ain = -3dBFS
Full
63
dBFS
fin = 150MHz
Ain = -15dBFS
Full
64
dBFS
fin = 250MHz
Ain = -15dBFS
Full
64
dBFS
spurious-free dynamic range
fin = 5.0MHz
Ain = -1dBFS
Full
74
dBc
fin = 25MHz
Ain = -1dBFS
Full
59
74
dBc
1
fin = 75MHz
Ain = -3dBFS
Full
72
dBc
fin = 150MHz
Ain = -15dBFS
Full
69
dBc
fin = 250MHz
Ain = -15dBFS
Full
65
dBc
intermodulation distortion
fin1 = 149.84MHz, fin2 = 149.7MHz Ain = -10dBFS
+25°C
68
dBFS
fin1 = 249.86MHz, fin2 = 249.69MHz Ain = -10dBFS
+25°C
58
dBFS
dithered performance
spurious-free dynamic range
fin = 19MHz
Ain = -6dBFS
+25°C
85
dBFS
intermodulation distortion
fin1 = 74MHz, fin2 = 75MHz
Ain = -12dBFS
+25°C
83
dBFS
DC ACCURACY AND PERFORMANCE
differential non-linearity
fin = 5MHz, Ain = -1dBFS
Full
±0.8
LSB
integral non-linearity
fin = 5MHz, Ain = -1dBFS
Full
±2.0
LSB
offset error
Full
-30
0
30
mV
1
gain error
Full
1.2
%FS
Vref
+25°C
2.2
2.37
2.6
V
1
ANALOG INPUTS
analog differential input voltage range
Full
2.048
Vpp
analog input resistance (single ended)
Full
500
analog input resistance (differential)
Full
1000
analog input capacitance (single-ended)
Full
2
pF
ENCODE INPUTS (Universal)
VIH
+25°C
5
V
3, 4
VIL
+25°C
0
V
3, 4
differential input swing
+25°C
0.2
V
3, 4
DIGITAL OUTPUTS
output voltage
logic LOW
+25°C
0.01
0.4
V
1
OUTLEV = 1 (open)
logic HIGH
+25°C
3.2
3.5
3.8
V
1
OUTLEV = 0 (GND)
logic HIGH
+25°C
2.4
2.7
3.0
V
1
POWER REQUIREMENTS
+5V supply current
Full
128
150
mA
1
Power dissipation
Full
640
750
mW
1
VCC power supply rejection ratio
+25°C
64
dB
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.


Similar Part No. - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTD NSC-CLC5956IMTD Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTDX NSC-CLC5956IMTDX Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956PCASM NSC-CLC5956PCASM Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
   11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
   11-BIT VOLTAGE OUTPUT D/A CONVERTER
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com