Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN20J31S215DQ7 Datasheet(PDF) 2 Page - ITT Industries

Part # CN20J31S215DQ7
Description  Double Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CN20J31S215DQ7 Datasheet(HTML) 2 Page - ITT Industries

  CN20J31S215DQ7 Datasheet HTML 1Page - ITT Industries CN20J31S215DQ7 Datasheet HTML 2Page - ITT Industries CN20J31S215DQ7 Datasheet HTML 3Page - ITT Industries CN20J31S215DQ7 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SWITCH FUNCTION
C&K CN Series
Double Pole Power Rocker Switches
ACTUATOR
J1 ROCKER
J3 ILLUMINATED ROCKER
NOTE: J1 & J3 actuators available with Q contact rating only.
J3 actuator available with CN202 switch function only.
J6 ROCKER
J8 ILLUMINATED ROCKER
NOTE: J6 & J8 actuators available with QA contact rating only.
J6 actuator available with CN201 & CN202 switch functions,
J8 actuator available with CN202 switch function only.
1b
3b
2b
SWITCH FUNCTION
CONNECTED TERMINALS
C&K marking on opposite side
C&K marking on opposite side
NO.
POLES
MODEL NO.
SCHEMATIC
DP
ON
ON
ON
OFF
CN201
CN202
2-3
2-1
OR
For Illuminated
Version
NONE
NONE
N/A
ON
OFF
CN22 *
NONE
* CN22 - for switches with both marking and illumination
www.ittcannon.com
H-100
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
H


Similar Part No. - CN20J31S215DQ7

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CN20 HONEYWELL-CN20 Datasheet
449Kb / 6P
   NON-SPRING RETURN DIRECT-COUPLED DAMPER ACTUATORS FOR FLOATING / 2-POSITION CONTROL
logo
TDK Electronics
CN200A110-12 TDK-CN200A110-12 Datasheet
261Kb / 2P
   30W to 200W 60 to 160VDC Input DC-DC Converters
CN200A110-12 TDK-CN200A110-12 Datasheet
184Kb / 2P
   DC-DC Converters
CN200A110-12-CO TDK-CN200A110-12-CO Datasheet
184Kb / 2P
   DC-DC Converters
CN200A110-12/CO TDK-CN200A110-12/CO Datasheet
184Kb / 2P
   DC-DC Converters
More results

Similar Description - CN20J31S215DQ7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com