Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90V340 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90V340
Description  16-bit Proprietary Microcontroller CMOS
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V340 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90V340 Datasheet HTML 1Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 2Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 3Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 4Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 5Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V340 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
MB90860A Series
5
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
*2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Part Number
Parameter
MB90F867A (S) , MB90867A (S)
MB90V340(S)
8/16-bit
Programmable Pulse
Generator
(8 channels)
Supports 8-bit and 16-bit operation modes
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
3 channels
External Interrupt
(16 channels)
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
expanded inteligent I/O services (EI2OS) and DMA
D/A converter
2 channels
Up to100 kHz
Subclock for low
power operation
devices with ‘S’-suffix
: without subclock
devices without ‘S’-suffix : with subclock
I/O Ports
Virtually all external pins can be used as general purpose I/O port
All push-pull outputs
Bit-wise settable as input/output or peripheral signal
Settable in pin-wise of 8 as CMOS schmitt trigger/ automotive inputs (default)
TTL input level settable for external bus (32-pin only for external bus)
Flash
Memory
Supports automatic programming, Embedded AlgorithmTM*2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash


Similar Part No. - MB90V340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V340 FUJITSU-MB90V340 Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
MB90V340A-101 FUJITSU-MB90V340A-101 Datasheet
812Kb / 64P
   16-bit Proprietary Microcontroller
MB90V340A-101 FUJITSU-MB90V340A-101 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90V340A-101 FUJITSU-MB90V340A-101 Datasheet
575Kb / 59P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90V340A-101 CYPRESS-MB90V340A-101 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
More results

Similar Description - MB90V340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com