Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867APFV Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F867APFV
Description  16-bit Proprietary Microcontroller CMOS
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867APFV Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F867APFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867APFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
MB90860A Series
3
(Continued)
•••• Timer
• Time-base timer, clock timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit X 16 channels, or 16-bit X 8 channels
• 16-bit reload timer : 4 channels
• 16- bit input/output timer
- 16-bit free run timer : 2 channel (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
- 16- bit input capture: (ICU) : 8 channels
- 16-bit output compare : (OCU) : 8 channels
•••• UART (LIN/SCI) : 4 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available
•••• I2C interface* : 2 channels
• Up to 400 kbit/s transfer rate
•••• DTP/External interrupt : 16 channels, CAN wakeup : 2 channels
• Module for activation of extended intelligent I/O service (EI2OS), DMA, and generation of external interrupt.
•••• Delay interrupt generator module
• Generates interrupt request for task switching.
•••• 8/10-bit A/D converter : 24 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24-MHz machine clock, including sampling time)
•••• Program patch function
• Address matching detection for 6 address pointers.
•••• Internal voltage regulator
• Supports 3 V MCU core, offering low EMI and low power consumption figures
•••• Programmable input levels
• Automotive/CMOS-Schmitt (initial level is Automotive in Single chip mode)
• TTL level (initial level for External bus mode)
•••• ROM security function
• Protects the content of ROM (MASK ROM device only)
•••• Flash security function
• Protects the content of Flash (Flash device only)
•••• External bus interface
•••• Clock monitor function
* : I2C license :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these com-
ponents in an I2C system provided that the system conforms to the I2C standard Specification as defined by
Philips.


Similar Part No. - MB90F867APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867APFV FUJITSU-MB90F867APFV Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
More results

Similar Description - MB90F867APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com