Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90V800 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90V800
Description  16-bit Proprietary Microcontroller CMOS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V800 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90V800 Datasheet HTML 2Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 3Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 4Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 5Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 9Page - Fujitsu Component Limited. MB90V800 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MB90800 Series
6
s
s
s
s PIN DESCRIPTION
* : For the circuit type, see section “s I/O CIRCUIT TYPE”.
(Continued)
Pin No.
Pin Name
Circuit
Type*
Status/function
at reset
Description
QFP
92, 93
X0, X1
A
Oscillation
status
It is a terminal which connects the oscillator.
When connecting an external clock, leave the x1 pin
side unconnected.
13, 14
X0A, X1A
B
Oscillation
status
It is 32 kHz oscillation pin.
(Dual-line model)
P90, P91
G
Port input
(High-Z)
General purpose input/output port.
(Single-line model)
51
MD2
M
Mode Pins
Input pin for selecting operation mode.
Connect directly to Vss.
52, 53
MD1, MD0
L
Mode Pins
Input pin for selecting operation mode.
Connect directly to Vcc.
54
RST
K
Reset input
External reset input pin.
63, 64,
67 to 72,
73 to 76
SEG0 to
SEG11
D
LCD SEG
output
A segment output terminal of the LCD controller/
driver.
77 to 84
SEG12 to
SEG19
E
Port input
(High-Z)
A segment output terminal of the LCD controller/
driver.
P00 to P07
General purpose input/output port.
85 to 89,
94 to 96
SEG20 to
SEG27
E
A segment output terminal of the LCD controller/
driver.
P10 to P17
General purpose input/output port.
97 to 100,
1 to 4
SEG28 to
SEG35
E
A segment output terminal of the LCD controller/
driver.
P20 to P27
General purpose input/output port.
5
SEG36
E
A segment output terminal of the LCD controller/
driver.
P30
General purpose input/output port.
SO3
Serial data output pin of serial I/O channel 3.
Valid when serial data output of serial I/O channel 3
is enabled.
6
SEG37
E
A segment output terminal of the LCD controller/
driver.
P31
General purpose input/output port.
SC3
Serial clock I/O pin of serial I/O channel 3.
Valid when serial clock output of serial I/O channel 3
is enabled.


Similar Part No. - MB90V800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V800 FUJITSU-MB90V800 Datasheet
474Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90V800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com