Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90803 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90803
Description  16-bit Proprietary Microcontroller CMOS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90803 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90803 Datasheet HTML 1Page - Fujitsu Component Limited. MB90803 Datasheet HTML 2Page - Fujitsu Component Limited. MB90803 Datasheet HTML 3Page - Fujitsu Component Limited. MB90803 Datasheet HTML 4Page - Fujitsu Component Limited. MB90803 Datasheet HTML 5Page - Fujitsu Component Limited. MB90803 Datasheet HTML 6Page - Fujitsu Component Limited. MB90803 Datasheet HTML 7Page - Fujitsu Component Limited. MB90803 Datasheet HTML 8Page - Fujitsu Component Limited. MB90803 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
MB90800 Series
MB90803/F804/V800
s
s
s
s DESCRIPTION
The MB90800 series is a general-purpose 16-bit microcontroller that has been developed for high-speed real-
time processing required for industrial and office automation equipment and process control, etc. The LCD
controller of 48 segment four common is built into.
Instruction set has taken over the same AT architecture as in the F2MC*-8L and F2MC 16L, and is further enhanced
to support high level languages, extend addressing mode, enhanced divide/multiply instructions with sign and
enrichment of bit processing. In addition, long word processing is now available by introducing a 32-bit accumulator.
* : F2MC, an abbreviation for FUJITSU Flexible Microcontroller, is a registered trademark of FUJITSU Ltd.
s
s
s
s FEATURES
•••• Clock
• Built-in PLL clock frequency multiplication circuit
• Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or 1 to 4 times the oscillation (at
oscillation of 6.25 MHz, 6.25 MHz to 25 MHz).
• Minimum instruction execution time of 40.0 ns (at oscillation of 6.25 MHz, four times the PLL clock, operation
at Vcc
= 3.3 V)
•••• The maximum memory space:16 MB
• 24-bit internal addressing
• Bank addressing
(Continued)
s
s
s
s PACKAGE
100-pin plastic QFP
(FPT-100P-M06)
R
Preliminary
2004.07.22


Similar Part No. - MB90803

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90803 FUJITSU-MB90803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803PF-G FUJITSU-MB90803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803S FUJITSU-MB90803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803SPF-G FUJITSU-MB90803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90803

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com