Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F481PF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F481PF
Description  16-bit Proprietary Microcontroller CMOS
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F481PF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F481PF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 9Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 10Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 11Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 12Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 13Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 14Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
MB90480/485 Series
11
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*1 QFP*2
74
76
P56
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the RYE
bit in the EPCR register is set to “1”, this pin functions as the RDY pin.
RDY
In external bus mode, this pin functions as the external ready (RDY) input
pin. When the RYE bit in the EPCR register is set to “0”, this pin functions
as a general purpose I/O port.
76
78
P57
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the CKE
bit in the EPCR register is set to “1”, this pin functions as the CLK pin.
CLK
In external bus mode, this pin functions as the machine cycle clock (CLK)
output pin. When the CKE bit in the EPCR register is set to “0”, this pin
functions as a general purpose I/O port.
36 to 39
38 to
41
P60 to P63
H
(CMOS)
These are general purpose I/O ports.
AN0 to AN3
These are the analog input pins.
41 to 44
43 to
46
P64 to P67
H
(CMOS)
These are general purpose I/O ports.
AN4 to AN7
These are the analog input pins.
25
27
P70
G
(CMOS/
H)
This is a general purpose I/O port.
SIN0
This is the UART data input pin.
26
28
P71
F
(CMOS)
This is a general purpose I/O port.
SOT0
This is the UART data output pin.
27
29
P72
G
(CMOS/
H)
This is a general purpose I/O port.
SCK0
This is the UART clock I/O pin.
28
30
P73
G
(CMOS/
H)
This is a general purpose I/O port.
TIN0
This is the 16-bit reload timer event input pin.
29
31
P74
F
(CMOS)
This is a general purpose I/O port.
TOT0
This is the 16-bit reload timer output pin.
30
32
P75
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P75
G
(CMOS/
H
)
MB90485
series
This is a general purpose I/O port.
PWC2*3
This is a PWC input pin.
31
33
P76
F (CMOS)
MB90480
series
This is a general purpose I/O port.
P76
I
(NMOS/
H)
MB90485
series
This is a general purpose I/O port.
SCL*3
Serves as the I2C interface data I/O pin. During operation of the
I2C interface, leave the port output in a high impedance state.
32
34
P77
F (CMOS)
MB90480
series
This is a general purpose I/O port.
P77
I
(NMOS/
H)
MB90485
series
This is a general purpose I/O port.
SDA*3
Serves as the I2C interface data I/O pin. During operation of the
I2C interface, leave the port output in a high impedance state.
45,
46
47,
48
P80, P81
E
(CMOS/
H
)
These are general purpose I/O ports.
IRQ0, IRQ1
External interrupt input pins.


Similar Part No. - MB90F481PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481PF FUJITSU-MB90F481PF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F481PFV FUJITSU-MB90F481PFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F481PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com