Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F481PF Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F481PF
Description  16-bit Proprietary Microcontroller CMOS
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F481PF Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F481PF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F481PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
MB90480/485 Series
5
(Continued)
*1 : Under development
*2 : Being planed
*3 : 3 V/5 V I/F pin : All pins should be for 3 V power supply without P20 to P27, P30 to P37, P40 to P47, and
P70 to P77.
*4 : P76/P77 pins are Nch open drain pins (without Pch) at built-in I2C. However, MB90V485 uses the Nch open
drain pin (with Pch) .
*5 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
Switching) about details.
Note : As for MB90V485, Input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/
µPG/I2C become
CMOS input.
Item
Part number
MB90487*1
MB90F488*2
MB90V485*1
Type
MASK model
3 V/5 V power supply*3
FLASH model
3 V/5 V power supply*3
Included security function
Evaluation model
3 V/5 V power supply*3
Emulator power supply*5

Included


Similar Part No. - MB90F481PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481PF FUJITSU-MB90F481PF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F481PFV FUJITSU-MB90F481PFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F481PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com