Electronic Components Datasheet Search |
|
MB90F480 Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB90F480 Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 113 page MB90480/485 Series 3 s s s s PRODUCT LINEUP •••• MB90480 series * : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used. Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply switching) about details. Item Part number MB90F481 MB90F482 MB90V480 ROM size FLASH 192 KB FLASH 256 KB RAM size 4 KB 6 KB 16 KB CPU function Number of instructions : 351 Instruction bit length : 8-bit, 16-bit Instruction length : 1 byte to 7 bytes Data bit length : 1-bit, 8-bits, 16-bits Minimum execution time : 40 ns (25 MHz machine clock) Ports General-purpose I/O ports: up to 84 General-purpose I/O ports (CMOS output) General-purpose I/O ports (with pull-up resistance) General-purpose I/O ports (N-ch open drain) UART 1 channel, start-stop synchronized 8/16-bit PPG timer 8-bit × 6 channel/16-bit × 3 channel 8/16-bit up/down counter/timer 6 event input pins, 8-bit up/down counters: 2 8-bit reload/compare registers: 2 16-bit I/O timers 16-bit free run timer Number of channels: 1 Overflow interrupt Output compare (OCU) Number of channels: 6 Pin input factor: A match signal of compare register Input capture (ICU) Number of channels: 2 Rewriting a register value upon a pin input (rising, falling, or both edges) DTP/external interrupt circuit Number of external interrupt channels: 8 (edge or level detection) Extended I/O serial interface 2 channels, embedded Timebase timer 18-bit counter Interrupt cycles: 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (at 4 MHz base oscillator) A/D converter Conversion resolution: 8/10-bit, switchable One-shot conversion mode (converts selected channel 1 time only) Scan conversion mode (conversion of multiple consecutive channels, programmable up to 8 channels) Continuous conversion mode (repeated conversion of selected channels) Stop conversion mode (conversion of selected channels with repeated pause) Watchdog timer Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms (minimum value, at 4 MHz base oscillator) Low-power consumption (standby) modes Sleep mode, stop mode, CPU intermittent mode, watch timer mode, timebase timer mode Process CMOS Type FLASH model Not included security function Evaluation model, user terminal, 3 V/5 V versions Emulator power supply* Included |
Similar Part No. - MB90F480 |
|
Similar Description - MB90F480 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |