Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F488 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F488
Description  16-bit Proprietary Microcontroller CMOS
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F488 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F488 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F488 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
MB90480/485 Series
8
s
s
s
s PIN DESCRIPTIONS
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
80
82
X0
A
Oscillator pin
81
83
X1
A
Oscillator pin
78
80
X0A
A
32 kHz oscillator pin
77
79
X1A
A
32 kHz oscillator pin
75
77
RST
B
Reset input pin
83 to 90 85 to 92
P00 to P07
C
(CMOS)
This is a general purpose I/O port. A setting in the pull-up resistance
setting register (RDR0) can be used to apply pull-up resistance (RD00-
RD07
= “1”) . (Disabled when pin is set for output.)
AD00 to
AD07
In multiplex mode, these pins function as the external address/data bus
low I/O pins.
D00 to D07
In non-multiplex mode, these pins function as the external data bus low
output pins.
91 to 98
93 to
100
P10 to P17
C
(CMOS)
This is a general purpose I/O port. A setting in the pull-up resistance
setting resister (RDR1) can be used to apply pull-up resistance (RD10-
RD17
= “1”) . (Disabled when pin is set for output.)
AD08 to
AD15
In multiplex mode, these pins function as the external address/data bus
high I/O pins.
D08 to D15
In non-multiplex mode, these pins function as the external data bus high
output pins.
99,
100,
1,2
1 to 4
P20 to P23
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external
address output control register (HACR) are set to "1" in external bus
mode, these pins function as general purpose I/O ports.
A16 to A19
When the bits of external address output control register (HACR) are set
to "0" in multiplex mode, these pins function as address high output pins
(A16-A19).
A16 to A19
When the bits of external address output control register (HACR) are set
to "0" in non-multiplex mode, these pins function as address high output
pins (A16-A19).
3 to 6
5 to 8
P24 to P27
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to "1" in external bus mode, these
pins function as general purpose I/O ports.
A20 to A23
When the bits of external address output control register (HACR) are set
to "0" in multiplex mode, these pins function as address high output pins
(A20-A23).
A20 to A23
When the bits of external address output control register (HACR) are set
to "0" in non-multiplex mode, these pins function as address high output
pins (A20-A23).
PPG0 to
PPG3
PPG timer output pins.
79
P30
E
(CMOS/H)
This is a general purpose I/O port.
A00
In non-multiplex mode, this pin functions as an external address pin.
AIN0
8/16-bit up/down timer input pin (channel 0) .


Similar Part No. - MB90F488

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F488B FUJITSU-MB90F488B Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F488B FUJITSU-MB90F488B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F488BPF FUJITSU-MB90F488BPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F488BPF FUJITSU-MB90F488BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F488BPF FUJITSU-MB90F488BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F488

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com