Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL16X24B-PF100M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL16X24B-PF100M
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B-PF100M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL16X24B-PF100M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL16X24B-PF100M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QL16x24B
4-29
AC CHARACTERISTICS at VCC = 5V, TA = 25°C (K = 1.00)
Logic Cell
Input Cells
Output Cell
Propagation Delays (ns) [4]
Symbol
Parameter
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.7
3.4
4.2
5.0
6.7
tOUTHL
Output Delay High to Low
2.8
3.7
4.7
5.6
7.6
tPZH
Output Delay Tri-state to High
4.0
4.9
6.1
7.3
9.7
tPZL
Output Delay Tri-state to Low
3.6
4.2
5.0
5.8
7.3
tPHZ
Output Delay High to Tri-state [8]
2.9
tPLZ
Output Delay Low to Tri-state [8]
3.3
Notes:
[6]
See High Drive Buffer Table for more information.
[7]
Clock buffer fanout refers to the maximum number of flip flops per half column. The number of half
columns used does not affect clock buffer delay.
[8]
The following loads are used for tPXZ:
Propagation Delays (ns)
Symbol
Parameter
Fanout
12
34
8
tPD
Combinatorial Delay [5]
1.7
2.2
2.6
3.2
5.3
tSU
Setup Time [5]
2.1
2.1
2.1
2.1
2.1
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
1.0
1.5
1.9
2.6
4.7
tCWHI
Clock High Time
2.0
2.0
2.0
2.0
2.0
tCWLO
Clock Low Time
2.0
2.0
2.0
2.0
2.0
tSET
Set Delay
1.7
2.2
2.6
3.2
5.3
tRESET
Reset Delay
1.5
1.9
2.2
2.7
4.4
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
Symbol
Parameter
Propagation Delays (ns) [4]
12
34
6
8
tIN
High Drive Input Delay [6]
2.8
2.9
3.0
3.1
4.0
5.3
tINI
High Drive Input, Inverting Delay [6]
3.0
3.1
3.2
3.3
4.1
5.7
tIO
Input Delay (bidirectional pad)
1.4
1.9
2.2
2.9
4.7
6.5
tGCK
Clock Buffer Delay [7]
2.7
2.8
2.9
3.0
3.1
3.3
tGCKHI
Clock Buffer Min High [7]
2.0
2.0
2.0
2.0
2.0
2.0
tGCKLO
Clock Buffer Min Low [7]
2.0
2.0
2.0
2.0
2.0
2.0
4
5 pF
1K
5 pF
1K
tPHZ
tPLZ


Similar Part No. - QL16X24B-PF100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B-PQ208M ETC1-QL16X24B-PQ208M Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL16X24B-PQ208M883C ETC1-QL16X24B-PQ208M883C Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
More results

Similar Description - QL16X24B-PF100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com