Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH150X1-300 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # ENH150X1-300
Description  Color TFT-LCD Module Features
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH150X1-300 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  ENH150X1-300 Datasheet HTML 1Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 2Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH150X1-300 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ENH150X1-200/300
Original specifications created by Sharp.
1
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
Display Systems Division
August 2003
Rev. 0
ENH150X1-200/300 Color TFT-LCD Module Features
It is a wide viewing-angle-module (Vertical viewing angle:
120° Horizontal viewing angle: 140°).
Input signal timing conforms with 75Hz mode of VESA
standard.
Panelview assumes no responsibility for any damage
resulting from the use of the device which does not comply
with the instructions and the precautions specified in
these specification sheets. Panelview does assume the
responsibility for the warranty of the enhanced product.
GENERAL DESCRIPTION
Panelview provides optically enhanced solutions to the
standard Sharp LQ150X1DG16 color active matrix LCD
module. The first enhancement is an index matching (IM)
film lamination to the front surface of the display polarizer.
The IM film is available in two surface treatments - IM/Clear
and IM/110 (a 10% diffusion).The second enhancement is
the incorporation of a reflective polarizer (RP) providing
for up to 40% increase in brightness.
This module is composed of a color TFT-LCD panel, driver
ICs, control circuit, power supply circuit and a backlight
unit. Graphics and text can be displayed on a 1024 x 3
x 768 dot panel with 262, 144 color by supplying 36-bit
data signal (6bit x 2 pixel x RGB), four timing signals, +5V
DC supply voltage for TFT-LCD panel driving and supply
voltage for backlight.
MECHANICAL SPECIFICATIONS
Parameter
Specifications
Units
Display size
38 Diagonal
cm
15.0 Diagonal
inch
Active area
304.1 (H) x 228.1 (V)
mm
Pixel format
1024 (H) x 768 (V)
pixel
(1 pixel=R=G=B dots)
-
Pixel pitch
0.297 (H) x 0.297 (V)
mm
Pixel configuration
R,G,B vertical stripe
-
Display mode
Normally white
-
Unit outline dimensions (1) 335 (W) x 257.9 (H) x 15.9(D)
mm
Mass
1400 (max)
g
Surface treatment
IM/Clear (glossy) or IM/110 and hardcoat 3H
-
Note:
1.
Excluding backlight cables.
The thickness of module (D) does not contain the projection
2.
Outline dimensions are shown in Fig 1.


Similar Part No. - ENH150X1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150XD4-750 WEDC-ENH150XD4-750 Datasheet
261Kb / 13P
   Color TFT-LCD MODULE
More results

Similar Description - ENH150X1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com