Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH084V1-300 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # ENH084V1-300
Description  Color TFT-LCD Module Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH084V1-300 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button ENH084V1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 9Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 10Page - White Electronic Designs Corporation ENH084V1-300 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ENH084V1-300/400
Original specifications created by Sharp.
7
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
VERTICAL DISPLAY POSITION
The vertical display position is automatically centered
in the active area at each mode of VGA,480-,400-,and
350-line mode. Each mode is selected depending on the
polarity of the synchronous signals described in on page
2 Input Terminals, Note 1.
In each mode, the data of TVn is displayed at the top line
of the active area. The display position will be centered
INPUT DATA SIGNALS AND DISPLAY POSITION ON THE SCREEN
Display position of input data (480 lines mode)
on the screen like the following figure when the period of
vertical synchronous signal, TV, is typical value.
In 400-,and 350-line mode, the data in the vertical data
invalid period is also displayed. So, inputting all data “()”
is recommended during vertical data invalid period.
ENAB signal has no relation to the vertical display
position.
Mode
V-data start (TVs)
V-data Perioc (TVd)
V-display Start (TVn)
V-display Period
Unit
480
34
480
34
480
line
400
34
400
443-TV
480
line
350
61
350
445-TV
480
lute
data invalid period
data invalid period
data invalid period
data invalid period
data period
data period
4 0 lines
4 0 lines
1 0 0 lines
6 5 lines
6 5 lines
3 5 0 lines
400 lines mode (TV=449)
350 lines mode (TV=449)
D1, DH1
D1, DH2
D1, DH3
D2, DH1
D2, DH2
D3, DH1
D1, DH480
D640, DH1
UP
D640, DH480
RG
B


Similar Part No. - ENH084V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH084V1-300 WEDC-ENH084V1-300 Datasheet
168Kb / 16P
   ENH084V1-300/400 COLOR TFT-LCD MODULE
More results

Similar Description - ENH084V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com