Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL16X24B-0PF100I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL16X24B-0PF100I
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B-0PF100I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL16X24B-0PF100I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL16X24B-0PF100I Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
QL16x24B
4-30
High Drive Buffer
Clock Drivers
Propagation Delays (ns) [4]
Symbol
Parameter
Wired Together
Fanout
12
24
48
72
96
1
5.3
6.7
tIN
High Drive Input Delay
2
4.5
6.6
3
5.3
6.2
7.2
4
5.4
6.2
1
5.7
7.2
tINI
High Drive Input,
2
4.6
6.8
Inverting Delay
3
5.5
6.4
7.4
4
5.6
6.4
AC Performance
Propagation delays depend on routing, fanout, load capacitance, supply voltage, junction temperature,
and process variation. The AC Characteristics are a design guide to provide initial timing estimates at
nominal conditions. Worst case estimates are obtained when nominal propagation delays are multiplied
by the appropriate Delay Factor, K, as specified in the Delay Factor table (Operating Range). The
effects of voltage and temperature variation are illustrated in the graphs on page 4-47, K Factor versus
Voltage and Temperature. The pASIC Development Tools incorporate data sheet AC Characteristics
into the QDIF database for pre-place-and-route timing analysis. The SpDE Delay Modeler extracts
specific timing parameters for precise path analysis or simulation results following place and route.
ORDERING
INFORMATION
QL 16x24B - 1 PF144 C
QuickLogic
pASIC device
pASIC device part number
B = 0.65 micron CMOS
Operating Range
C = Commercial
I = Industrial
M = Military
M/883C = MIL STD 883
Package Code
PL84 = 84-pin PLCC
PF100 = 100-pin TQFP
PF144 = 144-pin TQFP
CG144 = 144-pin CPGA
CF160 = 160-pin CQFP
Speed Grade
X = quick
0 = fast
1 = faster
2 = fastest


Similar Part No. - QL16X24B-0PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B-0CG68M ETC1-QL16X24B-0CG68M Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL16X24B-0CG68M883C ETC1-QL16X24B-0CG68M883C Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
More results

Similar Description - QL16X24B-0PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com