Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58621L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58621L
Description  Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58621L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58621L Datasheet HTML 1Page - Micrel Semiconductor SY58621L Datasheet HTML 2Page - Micrel Semiconductor SY58621L Datasheet HTML 3Page - Micrel Semiconductor SY58621L Datasheet HTML 4Page - Micrel Semiconductor SY58621L Datasheet HTML 5Page - Micrel Semiconductor SY58621L Datasheet HTML 6Page - Micrel Semiconductor SY58621L Datasheet HTML 7Page - Micrel Semiconductor SY58621L Datasheet HTML 8Page - Micrel Semiconductor SY58621L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SY58621L
Precision 3.2Gbps CML/LVPECL Backplane
Transceiver with Integrated Loopback
Precision Edge is a registered trademark of Micrel, Inc.
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2006
M9999-012006-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY58621L is a low jitter, high-speed transceiver
with a variable swing LVPECL transmitter buffer and a
CML high-gain receiver optimized for precision telecom
and enterprise server transmission line and backplane
data management. The SY58621L distributes data to
3.2Gbps guaranteed over temperature and voltage.
The SY58621L transmitter differential input includes
Micrel’s unique, patented 3-pin input termination
architecture that directly interfaces to any (AC- or DC-
coupled) differential signal as small as 100mV
(200mVPP) without any termination resistor network in
the signal path. The receiver differential input is
optimized to interface directly to AC-coupled signals as
small as 10mV (20mVPP). The receiver output is 50_
source-terminated CML and the transmitter output is
variable swing 80mV to 800mV LVPECL with extremely
fast rise/fall time.
To support remote self-testing, the SY58621L features a
high-speed loopback test mode. The input control signal
LOOPBACK enables an internal loopback path from the
transmitter input to the receiver output.
The SY58621L operates from a 3.3V ±10% supply and
is guaranteed over the full industrial temperature range
of –40°C to +85°C. The SY58621L is part of Micrel’s
high-speed, Precision Edge
®
product
line.
For
applications that requires a CML receiver and
transmitter, consider the SY58620L.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Applications
• Backplane management
• Active cable transceivers
• SONET/SDH data/clock applications
• 4X Fibre Channel applications
Precision Edge
®
Features
• Guaranteed AC performance over temperature and
voltage:
- Maximum Throughput 3.2Gbps
- <160ps tr/tf time
• Transmitter
- Patented input termination directly interfaces to AC-
or DC-coupled differential inputs
- Variable swing LVPECL output
• Receiver
- 32dB high-gain Input
- Internal 50
Ω input termination
- Accepts AC-coupled input signals as small as 10mV
(20mvPP)
- 400mV (800mVPP) differential CML output swing
• Loss-of-Signal (LOS)
- High-gain, TTL-compatible LOS output with internal
4.75k
Ω pull-up
- Programmable LOS level set
• Ultra-low jitter design
- <5psRMS random jitter
• Patent-pending MUX isolates the receiver and the
transmitter channels minimizing on crosstalk
• Selectable loopback diagnostic mode
• Output enables on transmitter and receiver outputs
• Power supply +3.3V ±10%
• Industrial temperature range -40°C to +85°C
• Available in 24-pin (4mm x 4mm) MLF™
Markets
• Precision telecom
• Enterprise server
• ATE
• Test and measurement


Similar Part No. - SY58621L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58621LMG MICREL-SY58621LMG Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58621LMGTR MICREL-SY58621LMGTR Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
More results

Similar Description - SY58621L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY89297U MICREL-SY89297U Datasheet
609Kb / 15P
   2.5/3.3V, 3.2Gbps Precision CML
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com