Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSOP28 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # SSOP28
Description  Surface mounted, 28 pin package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

SSOP28 Datasheet(HTML) 1 Page - Zetex Semiconductors

  SSOP28 Datasheet HTML 1Page - Zetex Semiconductors SSOP28 Datasheet HTML 2Page - Zetex Semiconductors SSOP28 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Issue 1 - September 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
Package information - SSOP28
Surface mounted, 28 pin package
Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Soldering footprint
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
1.70
2.00
0.067
0.079
L
0.55
0.95
0.022
0.037
A1
0.05
0.15
0.002
0.006
e
0.65 BSC
0.026 BSC
A2
1.65
1.85
0.065
0.073
b
0.22
0.38
0.009
0.015
D
9.90
10.50
0.390
0.413
c
0.09
0.25
0.004
0.010
E
7.40
8.20
0.291
0.323
E1
5.00
5.60
0.197
0.220
-
-
-
-
-
D
E1
A
A2
c
L
A1
e
b
E
2.261
0.089
0.650
0.0256
4.597
0.181
mm
inches
9.017
0.355
0.432
0.017


Similar Part No. - SSOP28

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
SSOP28-A TONTEK-SSOP28-A Datasheet
587Kb / 81P
   Preliminary
More results

Similar Description - SSOP28

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOT323 ZETEX-SOT323_07 Datasheet
168Kb / 3P
   Surface mounted, 3 pin package
SOT23-5 ZETEX-SOT23-5 Datasheet
206Kb / 3P
   Surface mounted, 5 pin package
TSSOP20 ZETEX-TSSOP20 Datasheet
122Kb / 3P
   Surface mounted, 20 pin package
SOD323 ZETEX-SOD323_07 Datasheet
189Kb / 3P
   Surface mounted, 2 pin package
SOT23 ZETEX-SOT23_07 Datasheet
167Kb / 3P
   Surface mounted, 3 pin package
TSOT23-5 ZETEX-TSOT23-5 Datasheet
165Kb / 3P
   Surface mounted, 5 pin package
SOT23F ZETEX-SOT23F Datasheet
163Kb / 3P
   Surface mounted, 3 pin package
SOD523 ZETEX-SOD523 Datasheet
177Kb / 3P
   Surface mounted, 2 pin package Package outline
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
MLP322 ZETEX-MLP322 Datasheet
176Kb / 3P
   Surface mounted, 3 pin package Package outline
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com