Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8L3265C12AC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # EDI8L3265C12AC
Description  64Kx32 CMOS High Speed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L3265C12AC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  EDI8L3265C12AC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L3265C12AC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L3265C12AC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L3265C12AC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L3265C12AC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8L3265C12AC Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
EDI8L3265C
64Kx32 SRAM
Write Cycle 2 - E Controlled
Part Number
Speed Package
(ns)
No.
EDI8L3265C12AC*
12
99
EDI8L3265C15AC
15
99
EDI8L3265C20AC
20
99
EDI8L3265C25AC
25
99
OrderingInformation
BSx,
PackageDescription
PackageNo.99
68Lead PLCC
JEDEC M0-47AE
*AdvancedInformation
Part Number
Speed Package
(ns)
No.
EDI8L3265C15AI
15
99
EDI8L3265C20AI
20
99
EDI8L3265C25AI
25
99
Commercial (0°C to 70°C)
Industrial (-40°C to +85°C)


Similar Part No. - EDI8L3265C12AC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C12AC WEDC-EDI8L32128C12AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C15AC WEDC-EDI8L32128C15AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C15AI WEDC-EDI8L32128C15AI Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C17AC WEDC-EDI8L32128C17AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results

Similar Description - EDI8L3265C12AC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM732V696 SAMSUNG-KM732V696 Datasheet
497Kb / 16P
   64Kx32 Synchronous SRAM
logo
Agilent(Hewlett-Packard...
HCPL-7100 HP-HCPL-7100 Datasheet
226Kb / 14P
   High Speed CMOS Optocouplers
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
   High Speed CMOS Optocoupler
logo
Texas Instruments
CD54HC221 TI1-CD54HC221_15 Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
logo
List of Unclassifed Man...
HM65787 ETC1-HM65787 Datasheet
600Kb / 5P
   HIGH SPEED CMOS SRAM
logo
Connor-Winfield Corpora...
HV52-600 CONNOR-WINFIELD-HV52-600 Datasheet
81Kb / 2P
   HIGH SPEED CMOS VCXO
logo
Silicon Supplies
74HC112 SS-74HC112 Datasheet
683Kb / 6P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com