Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12532EJ Datasheet(PDF) 1 Page - MTRONPTI

Part # M12532EJ
Description  Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M12532EJ Datasheet(HTML) 1 Page - MTRONPTI

  M12532EJ Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M1253 Surface Mount Crystal
2.5 x 3.2 x 0.65 mm
Features:
Ultra-Miniature Size
Tape & Reel
Leadless Ceramic Package - Seam Sealed
Applications:
Handheld Electronic Devices
PDA, GPS, MP3
Portable Instruments
PCMCIA Cards
Bluetooth
Revision: 5-25-06


Similar Part No. - M12532EJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M12532EJ MTRONPTI-M12532EJ Datasheet
262Kb / 2P
   Surface Mount Crystal
M12532EJS MTRONPTI-M12532EJS Datasheet
262Kb / 2P
   Surface Mount Crystal
M12532EJXX MTRONPTI-M12532EJXX Datasheet
262Kb / 2P
   Surface Mount Crystal
More results

Similar Description - M12532EJ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
   3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEK ABRACON-ASEK Datasheet
709Kb / 2P
   3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
TAITIEN ELECTRONICS CO....
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
   3.2 x 2.5 mm SMD Crystal
logo
MTRONPTI
M1325 MTRONPTI-M1325 Datasheet
254Kb / 1P
   Surface Mount Crystal 3.2 x 5 x 0.8 mm
logo
TAITIEN ELECTRONICS CO....
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
   3.2 x 2.5 mm SMD Crystal Oscillator
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
   3.2 x 2.5 mm SMD Crystal Oscillator
logo
MTRONPTI
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1254 MTRONPTI-M1254 Datasheet
403Kb / 2P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
   0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
   0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com