Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC025 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC025
Description  2K I2C Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC025 Datasheet(HTML) 5 Page - Microchip Technology

  24LC025 Datasheet HTML 1Page - Microchip Technology 24LC025 Datasheet HTML 2Page - Microchip Technology 24LC025 Datasheet HTML 3Page - Microchip Technology 24LC025 Datasheet HTML 4Page - Microchip Technology 24LC025 Datasheet HTML 5Page - Microchip Technology 24LC025 Datasheet HTML 6Page - Microchip Technology 24LC025 Datasheet HTML 7Page - Microchip Technology 24LC025 Datasheet HTML 8Page - Microchip Technology 24LC025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2004 Microchip Technology Inc.
DS21210G-page 5
24AA024/24LC024/24AA025/24LC025
4.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 4-1).
4.1
Bus Not Busy (A)
Both data and clock lines remain high.
4.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
4.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must be ended with a Stop condition.
4.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one bit of data per
clock pulse.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of the
data bytes transferred between the Start and Stop
conditions is determined by the master device and is,
theoretically, unlimited, (though only the last sixteen will
be stored when performing a write operation). When an
overwrite does occur, it will replace data in a first-in
first-out fashion.
4.5
Acknowledge
Each receiving device, when addressed, is required to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this Acknowledge bit.
The device that acknowledges has to pull down the SDA
line during the acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of
the acknowledge-related clock pulse. Of course, setup
and hold times must be taken into account. A master
must signal an end of data to the slave by not generating
an Acknowledge bit on the last byte that has been
clocked out of the slave. In this case, the slave must
leave the data line high to enable the master to generate
the Stop condition (Figure 4-2).
FIGURE 4-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS CHARACTERISTICS
FIGURE 4-2:
ACKNOWLEDGE TIMING
Note:
The 24AA024/24LC024/24AA025/
24LC025 does not generate any
Acknowledge bits if an internal
programming cycle is in progress.
(A)
(B)
(C)
(D)
(A)
(C)
SCL
SDA
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition
SCL
9
8
7
6
5
4
3
2
1
123
Transmitter must release the SDA line at this point allowing
the Receiver to pull the SDA line low to acknowledge the
previous eight bits of data.
Receiver must release the SDA line at this
point so the Transmitter can continue
sending data.
SDA
Acknowledge
Bit
Data from transmitter
Data from transmitter


Similar Part No. - 24LC025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC025 MICROCHIP-24LC025 Datasheet
163Kb / 12P
   2K 2.5V I 2 C ??Serial EEPROM
1997
24LC025 MICROCHIP-24LC025 Datasheet
402Kb / 26P
   2K I2C??Serial EEPROM
2007
24LC025 MICROCHIP-24LC025 Datasheet
522Kb / 30P
   2K I2C??Serial EEPROM
2009
24LC025 MICROCHIP-24LC025 Datasheet
555Kb / 30P
   2K I2C Serial EEPROM
01/02/08
24LC025-I/MC MICROCHIP-24LC025-I/MC Datasheet
402Kb / 26P
   2K I2C??Serial EEPROM
2007
More results

Similar Description - 24LC025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24LC02B-I-SN MICROCHIP-24LC02B-I-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC024-IP MICROCHIP-24LC024-IP Datasheet
538Kb / 30P
   2K I2C??Serial EEPROM
2009
24LC02B MICROCHIP-24LC02B Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC024-I MICROCHIP-24LC024-I Datasheet
555Kb / 30P
   2K I2C Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com