Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGN-J-OC10A Datasheet(PDF) 1 Page - ITT Industries

Part # EGN-J-OC10A
Description  Analog Joystick Navigation Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EGN-J-OC10A Datasheet(HTML) 1 Page - ITT Industries

  EGN-J-OC10A Datasheet HTML 1Page - ITT Industries EGN-J-OC10A Datasheet HTML 2Page - ITT Industries EGN-J-OC10A Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–19
C
O for 360º omni-direction wth Z switch
U for 360º omni-direction wthout Z switch
V for N-way (N=1,2,4 axis) wth Z switch
W for N-way (N=1,2,4 axis) wthout Z switch
0 without dedicated microcontroller chip
1 with dedicated microcontroller chip
0 without dedicated PCB
1 with dedicated PCB
A screw-mount
B solder-mount
How To Order
1 for 13mm base diameter
2 for 20mm base diameter
3 for 17mm base diameter
C for custom integration*
*Custom Integration - ErgoNav EGN-J Series can be customized per the design rules and limitations:
-Joystick footprint and actuator height (scalable per the design rules)
-Joystick top cap (plastic or silicone; color & fashion)
-Joystick plastic retainer (reference retainer integratable to device chassis per the design rules)
-Dedicated microcontroller (contains firmware for quick I/O interface, or firmware compiled into device controller)
Series Values
EGN-Jx3x-xx
EGN-Jx2x-xx
PCB FOOTPRINT REQUIREMENT (mm):
16.3 topside,
19.3 topside
17.3-20.3
17.3 bottom
20.3 bottom
PCB TO ACTUATOR TIP HEIGHT (mm):
5.8-7.5
5.8
7.5
MIN ACTUATION ANGLE (deg):
less than 2
less than 2
less than 2
MAX DEFLECTION FROM VERTICAL (deg):
25
25
25
LATERAL FORCE @ MIN ACTUATION (g force):
23-24
23 or less
24 or less
LATERAL FORCE @ MAX ACTUATION (g force):
74-120
74
120
MIN VERTICAL FORCE TO ACTIVATE (g force):
9-20
9
20
DOME SWITCH ACTUATION FORCE (g force):
210-380
210
380
SINGLE LARGE LATERAL FORCE SURVIVABLE (g force):
2000
2000
2000
User Interface
NUMBER OF AXSIS PROVIDED:
1, 2, 4 & continous
DIRECTIONS/VECTORS:
>360
NUMBER OF RATE STEPS FROM FULL:
Up to 1024
SOUTH to FULL NORTH DEFLECTION
64 standard
POSITION SAMPLING RATE:
25-40hz
40hz standard
SIGNAL LATENCY:
< 4ms
Features/Benefits
Omni-directional analog control
Variable speed (rate and control)
Small form factor
Low power (instant wake-up)
Integrated switch (center click)
True deflection device (pointing device)
Simple electrical interface
Environmental protection
Long life
Typical Applications
Cell phones
Gaming devices
MP3 players
PDA’s
GPS devices
Remote controls
Laptops
Convergent devices
Others
ERGO-NAV EGN-J Series
Analog Joystick Navigation Device
EGN-J-
NEW!


Similar Part No. - EGN-J-OC10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGN-1-10 VISHAY-EGN-1-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
EGN-10-10 VISHAY-EGN-10-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-10-80 VISHAY-EGN-10-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
More results

Similar Description - EGN-J-OC10A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
   Analog Navigation Disc
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
221Kb / 2P
   2-Axis Analog Thumb Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
   Joystick Potentiometer
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Copal Electronics
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
   Thumb Joystick
3/22/2017
logo
Grayhill, Inc
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
   Hall Effect Joystick
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
logo
Grayhill, Inc
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
   Hall Effect Joystick
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com