Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7R54FAJ Datasheet(PDF) 1 Page - MTRONPTI

Part # M7R54FAJ
Description  M7R Series 5.0 Volt HCMOS/TTL Compatible Surface Mount Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M7R54FAJ Datasheet(HTML) 1 Page - MTRONPTI

  M7R54FAJ Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
M7R Series 5.0 Volt HCMOS/TTL
Compatible Surface Mount Oscillators
These are non-PLL based high frequency
oscillators intended for applications that require
low phase jitter. For frequencies 80.000 MHz and
below, please see the M7S series.
Pin Connections
*Consult factory for availability.
1. Symmetry is measured at 1.4 V with TTL load, and at 50% Vdd with HCMOS load.
2. TTL load - See load circuit diagram #1 on page 92. HCMOS load - See load circuit diagram #2 on page 92.
3. Rise/Fall times are measured between 0.5 V and 2.4 V with TTL load, and between 10% Vdd and 90% Vdd with HCMOS load.


Similar Part No. - M7R54FAJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M7R54FAJ MTRONPTI-M7R54FAJ Datasheet
429Kb / 2P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M7R54FAJ-R MTRONPTI-M7R54FAJ-R Datasheet
429Kb / 2P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - M7R54FAJ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG ABRACON-ASG Datasheet
547Kb / 1P
   HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
MTRONPTI
M2032_0611 MTRONPTI-M2032_0611 Datasheet
288Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032 MTRONPTI-M2032 Datasheet
318Kb / 1P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032 MTRONPTI-M2032_08 Datasheet
368Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2035 MTRONPTI-M2035 Datasheet
260Kb / 2P
   5.0 x 7.0 x 1.4 mm, HCMOS Compatible Surface Mount Oscillators
M2030 MTRONPTI-M2030 Datasheet
714Kb / 2P
   3.2 x 5.0 x 1.3 mm, HCMOS Compatible, Surface Mount Oscillators
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS_07 Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com