Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM24J71G205Q4 Datasheet(PDF) 4 Page - ITT Industries

Part # DM24J71G205Q4
Description  Miniature Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM24J71G205Q4 Datasheet(HTML) 4 Page - ITT Industries

  DM24J71G205Q4 Datasheet HTML 1Page - ITT Industries DM24J71G205Q4 Datasheet HTML 2Page - ITT Industries DM24J71G205Q4 Datasheet HTML 3Page - ITT Industries DM24J71G205Q4 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H–78
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DM Series
Miniature Illuminated Power Rocker Switches
AVAILABLE HARDWARE
Blank Insert
PART NO.
057190200
Material: Zinc nylon 6/6
Finish: Matte
Recessed Bracket
PART NO.
057090100
Material: 6/6 Nylon
Finish: Matte
Actuator Gaurd
PART NO.
104C02000
Material: PBT thermoplastic
Finish: Matte


Similar Part No. - DM24J71G205Q4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM240001 MICROCHIP-DM240001 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
DM240001-2 MICROCHIP-DM240001-2 Datasheet
306Kb / 2P
   MPLAB® PICkit™ 4 In-Circuit Debugger/ProgrammerC
2018
DM240011 MICROCHIP-DM240011 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
DM240011 MICROCHIP-DM240011 Datasheet
145Kb / 2P
   Capacitive mTouch??Sensing Solutions
10/08
DM240012 MICROCHIP-DM240012 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
More results

Similar Description - DM24J71G205Q4

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com