Electronic Components Datasheet Search |
|
BKAE3A234MAA40101SA Datasheet(PDF) 2 Page - ITT Industries |
|
BKAE3A234MAA40101SA Datasheet(HTML) 2 Page - ITT Industries |
2 / 19 page * = For Polarizing Position greater then 99, add third digit. www.ittcannon.com 3 Dimensions are shown in inches (millimeters). Dimensions subject to change. ARINC 600 BKAD/E/F CONNECTOR SERIES CLASS SHELL SIZE CONNECTOR LAYOUT DESCRIPTION SIZE 1 COAX INSERT MODIFIER BOEING COAX MODIFIER SHELL STYLE CONNECTOR MOUNTING MODIFIER POLARIZING POSITION MODIFIER (Contact, Finish, Material) How to Order BKA D 2 A234 M * 3 00 01 * F0 CONNECTOR SERIES BOEING COAX MODIFIER SHELL STYLE CONNECTOR MOUNTING MODIFIER CLASS Non-environmental (rear release, crimp contacts) Environmental (rear release, crimp con- tacts) Non-environmental (front release, solder and wrap post #22 contact, rear release all others) Same as E, except uses BKAD shells, and Less 0 rings on plug side. Environmental (0-ring is used to seal between connector shell and insulators) with rear release, crimp contacts. Non-environmental connector using fil- tered contacts (reference Cannon Phoe- nix) Max. contact capacity - 125 Max. contact capacity - 400 Max. contact capacity - 800 Connector contains modified 71W1 or 2W2 insert (four MTG screw hole loca- tions and coaxial contact used in this insert are interchangeable between dif- ferent manufacturers Plug (rack side) Receptacle (box side) Standard design, .148 dia. holes With #6-32 ESNA (#12 NCFMA2-62) clinch nuts (see chart) Size 1 receptacle only - less 3 printed circuit board mounting lugs With #4-40 ESNA (#22 NCFMA2-40) clinch nuts (see chart) Size 2 and 3 plug and receptacle only - with #4-40 ESNA (#22 NCFMA2-40) clinch nuts (all mounting holes) Size 2 and 3 plug and receptacle only - with #6-32 ESNA (#12 NCFMA2-62) clinch nuts (all mounting holes) Same as - 00 mounting modification except with nickel finished shells .0008 - .0012 thick with EMI grounding spring for plug shells and supplied with non-environmental inserts. Same as - 00 mounting modification except with nickel finished shells .0008 - .0012 thick with EMI grounding spring for plug shells and supplied with environmental inserts not potted into shell. With floating eyelets (.048 min. radial float) 4 corner holes per connector. Consult factory if other modifications are required SHELL SIZE CONNECTOR LAYOUT DESCRIPTION SIZE 1 COAX INSERT MODIFIER NOTE: A dash must be inserted whenever code does not apply. D BKA (Per ARINC 600) E F C S T 3 - 4 - 00 - 01 - 02 - 03 - 08 - 09 - 16 - 17 - 23 - M 1 2 3 (See page 4) - - - - - - - - - - Boeing Coax Code Connector Size 1 2 3 4 4 8 4 6 10 Number of Clinch Nuts Plug Receptacle ITTC Code Plug Connector Receptacle Connector ITTC Coax Contacts Supplied AA AB AC AD AE AF Blank B C D E F No Coax Supplied 349-0013-000 349-0015-000 349-0013-000 349-0017-000 349-0015-000 349-0018-000 349-0015-000 349-0017-000 No Coax Supplied 349-0014-000 349-0016-000 349-0014-000 349-0002-000 349-0016-000 349-0004-000 349-0016-000 349-0002-000 |
Similar Part No. - BKAE3A234MAA40101SA |
|
Similar Description - BKAE3A234MAA40101SA |