Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-628Y302 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTP-628Y302
Description  BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628Y302 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTP-628Y302 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FTP-628MCL701
n
PrinTEr COnnECTOr (FLExibLE PT bOard) Pin arrayS
FTP-628 MCL701
Thermal head, control circuit side connector: 52610-3090 Molex or equivalent product
Do not plug or unplug the FPC when power is on.
o
N
l
a
n
g
i
S
O
/I
s
t
n
e
t
n
o
C
1
K
H
P
r
o
t
p
u
r
r
e
t
n
i
o
t
o
h
p
r
o
f
e
d
o
h
t
a
C
2
N
E
S
V
I
r
e
w
o
p
r
o
s
n
e
s
r
e
p
a
p
3
E
H
P
O
r
o
t
p
u
r
r
e
t
n
i
o
t
o
h
p
r
o
f
r
o
tt
i
m
E
4
B
/
T
M
I
l
a
n
g
i
s
n
o
it
a
ti
c
x
e
r
o
t
o
m
g
n
i
p
p
e
t
S
5
B
/
T
M
I
6
A
/
T
M
I
7
A
/
T
M
I
8
H
V
d
a
e
h
l
a
m
r
e
h
t
r
o
f
y
l
p
p
u
s
r
e
w
o
P
9
H
V
0
1
N
I
D
I
n
i
a
t
a
D
1
1
K
L
C
I
n
o
it
a
c
i
n
u
m
m
o
c
r
o
f
k
c
o
l
c
s
u
o
n
o
r
h
c
n
y
S
2
1
D
N
G
d
a
e
h
l
a
m
r
e
h
t
r
o
f
y
l
p
p
u
s
r
e
w
o
p
d
n
u
o
r
G
3
1
D
N
G
4
1
6
B
T
S
I
l
a
n
g
i
s
l
o
rt
n
o
c
g
n
i
z
i
g
r
e
n
e
d
a
e
h
l
a
m
r
e
h
T
5
1
5
B
T
S
I
6
1
4
B
T
S
I
7
1
d
d
V
I
r
e
w
o
p
c
i
g
o
L
8
1
H
T
O
1
l
a
i
n
m
r
e
t
t
u
p
n
i
r
o
t
s
i
s
e
r
e
v
it
i
s
n
e
s
y
ll
a
m
r
e
h
T
9
1
H
T
O
2
l
a
i
n
m
r
e
t
t
u
p
n
i
r
o
t
s
i
s
e
r
e
v
it
i
s
n
e
s
y
ll
a
m
r
e
h
T
0
2
3
B
T
S
I
l
a
n
g
i
s
l
o
rt
n
o
c
g
n
i
z
i
g
r
e
n
e
d
a
e
h
l
a
m
r
e
h
T
1
2
2
B
T
S
I
2
2
1
B
T
S
I
3
2
D
N
G
I
d
a
e
h
l
a
m
r
e
h
t
r
o
f
y
l
p
p
u
s
r
e
w
o
p
d
n
u
o
r
G
4
2
D
N
G
I
5
2
T
A
L
I
h
c
t
a
l
a
t
a
D
6
2
O
D
O
t
u
o
a
t
a
D
7
2
H
V
I
d
a
e
h
l
a
m
r
e
h
t
r
o
f
y
l
p
p
u
s
r
e
w
o
P
8
2
H
V
I
9
2
.
C
.
N
-
d
e
t
c
e
n
n
o
c
t
o
N
0
3
.
C
.
N
-


Similar Part No. - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
More results

Similar Description - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL401 FUJITSU-FTP-628MCL401 Datasheet
604Kb / 9P
   Battery Driven FTP-608 Series 2??high speed thermal p rinter
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628WSL110 FUJITSU-FTP-628WSL110 Datasheet
484Kb / 6P
   Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com