Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C82GGP Datasheet(PDF) 7 Page - Texas Instruments

Part # TMX320C82GGP
Description  DIGITAL SIGNAL PROCESSOR
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C82GGP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMX320C82GGP Datasheet HTML 3Page - Texas Instruments TMX320C82GGP Datasheet HTML 4Page - Texas Instruments TMX320C82GGP Datasheet HTML 5Page - Texas Instruments TMX320C82GGP Datasheet HTML 6Page - Texas Instruments TMX320C82GGP Datasheet HTML 7Page - Texas Instruments TMX320C82GGP Datasheet HTML 8Page - Texas Instruments TMX320C82GGP Datasheet HTML 9Page - Texas Instruments TMX320C82GGP Datasheet HTML 10Page - Texas Instruments TMX320C82GGP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
TMS320C82
DIGITAL SIGNAL PROCESSOR
SPRS048 — APRIL 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
pin assignments – alphabetical listing (continued)
FUNCTION
PIN NO.
FUNCTION
PIN NO.
FUNCTION
PIN NO.
FUNCTION
PIN NO.
VDD
B4
VDD
U24
VSS
C12
VSS
V25
VDD
B8
VDD
U25
VSS
D3
VSS
W3
VDD
B15
VDD
V2
VSS
D7
VSS
W4
VDD
B18
VDD
W23
VSS
D10
VSS
W25
VDD
B22
VDD
Y3
VSS
D12
VSS
AA23
VDD
C4
VDD
Y23
VSS
D14
VSS
AB3
VDD
C6
VDD
Y25
VSS
D20
VSS
AB25
VDD
C11
VDD
AA2
VSS
D22
VSS
AC2
VDD
C13
VDD
AA3
VSS
D25
VSS
AC3
VDD
C25
VDD
AA4
VSS
E2
VSS
AC15
VDD
D9
VDD
AB23
VSS
E4
VSS
AC22
VDD
D21
VDD
AC8
VSS
E24
VSS
AD5
VDD
F3
VDD
AC9
VSS
G25
VSS
AD7
VDD
F23
VDD
AC21
VSS
J3
VSS
AD10
VDD
F25
VDD
AC24
VSS
J4
VSS
AD16
VDD
G4
VDD
AD4
VSS
K4
VSS
AD20
VDD
H3
VDD
AD6
VSS
K23
VSS
AD22
VDD
H25
VDD
AD14
VSS
K24
VSS
AD23
VDD
J23
VDD
AD19
VSS
L23
VSS
AE9
VDD
K2
VDD
AE8
VSS
M2
VSS
AE10
VDD
L2
VDD
AE11
VSS
N2
VSS
AE12
VDD
L4
VDD
AE14
VSS
N4
VSS
AE13
VDD
L25
VDD
AE15
VSS
N23
VSS
AE18
VDD
M4
VDD
AE17
VSS
N24
VSSPLL
C14
VDD
M23
VDD
AE19
VSS
R3
/W
E3
VDD
M25
VDD
AE21
VSS
R23
/XPT0
C17
VDD
P2
VDDPLL
D13
VSS
T2
/XPT1
D16
VDD
P4
VSS
B7
VSS
T3
/XPT2
C16
VDD
P24
VSS
B10
VSS
T25
/XPT3
B16
VDD
U2
VSS
B17
VSS
V4
VDD
U4
VSS
C5
VSS
V23


Similar Part No. - TMX320C82GGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C80GF50 TI-TMX320C80GF50 Datasheet
3Mb / 171P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMX320C80GF60 TI-TMX320C80GF60 Datasheet
3Mb / 171P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMX320C80GGP TI-TMX320C80GGP Datasheet
3Mb / 171P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMX320C80GGP50 TI-TMX320C80GGP50 Datasheet
3Mb / 171P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMX320C80GGP60 TI-TMX320C80GGP60 Datasheet
3Mb / 171P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMX320C82GGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com