Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1310 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUM1310
Description  Triple-Channel Digital Isolator with Programmable Default Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1310 Datasheet(HTML) 5 Page - Analog Devices

  ADUM1310 Datasheet HTML 1Page - Analog Devices ADUM1310 Datasheet HTML 2Page - Analog Devices ADUM1310 Datasheet HTML 3Page - Analog Devices ADUM1310 Datasheet HTML 4Page - Analog Devices ADUM1310 Datasheet HTML 5Page - Analog Devices ADUM1310 Datasheet HTML 6Page - Analog Devices ADUM1310 Datasheet HTML 7Page - Analog Devices ADUM1310 Datasheet HTML 8Page - Analog Devices ADUM1310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADuM1310
Rev. E | Page 5 of 16
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION
5 V/3 V operation1: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V;
all minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted; all typical
specifications are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V; or VDD1 = 5 V, VDD2 = 3.0 V.
Table 3.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
ADuM1310, Total Supply Current, Three
Channels2
VDD1 Supply Current, Quiescent
IDDI (Q)
5 V/3 V Operation
2.4
3.2
mA
VIA = VIB = VIC = VID = 0
3 V/5 V Operation
1.2
1.6
mA
VIA = VIB = VIC = VID = 0
VDD2 Supply Current, Quiescent
IDDO (Q)
5 V/3 V Operation
0.8
1.0
mA
VIA = VIB = VIC = VID = 0
3 V/5 V Operation
1.2
1.6
mA
VIA = VIB = VIC = VID = 0
VDD1 Supply Current, 10 Mbps Data Rate
IDD1 (10)
5 V/3 V Operation
6.5
8.2
mA
5 MHz logic signal frequency
3 V/5 V Operation
3.4
4.9
mA
5 MHz logic signal frequency
VDD2 Supply Current, 10 Mbps Data Rate
IDD2 (10)
5 V/3 V Operation
1.1
1.3
mA
5 MHz logic signal frequency
3 V/5 V Operation
1.9
2.2
mA
5 MHz logic signal frequency
Input Currents
IIA, IIB, IIC, IID, ICTRL,
IDISABLE
–10
+0.01
+10
μA
0 ≤ VIA, VIB, VIC, VID, VDISABLE ≤ VDD1,
0 ≤ VCTRL ≤ VDD2
Logic High Input Threshold
VIH
5 V/3 V Operation
2.0
V
3 V/5 V Operation
1.6
V
Logic Low Input Threshold
VIL
5 V/3 V Operation
0.8
V
3 V/5 V Operation
0.4
V
Logic High Output Voltages
VOAH, VOBH, VOCH,
VODH
VDD1/VDD2 − 0.4 VDD1/VDD2 − 0.2
V
IOx = –4 μA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL, VOCL,
VODL
0.2
0.4
V
IOx = +4 μA, VIx = VIxL
SWITCHING SPECIFICATIONS
Minimum Pulse Width3
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
10
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
30
50
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH – tPHL|5
PWD
5
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
30
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD
5
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tf
5 V/3 V Operation
3.0
ns
CL = 15 pF, CMOS signal levels
3 V/5 V Operation
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity at
Logic High Output8
|CMH|
25
35
kV/μs
VIx = VDD1/VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity at
Logic Low Output8
|CML|
25
35
kV/μs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V


Similar Part No. - ADUM1310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310 AD-ADUM1310 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ1 AD-ADUM1310ARWZ1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM1310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
   Low-Power Triple-Channel Digital Isolator
logo
Texas Instruments
ISO6731 TI-ISO6731 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
ISO7240CF TI-ISO7240CF Datasheet
567Kb / 16P
[Old version datasheet]   QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
ISO6731-Q1 TI-ISO6731-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731-Q1 General-Purpose Triple-Channel Automotive Digital Isolator with Robust EMC
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com