Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZWS100PF-36 Datasheet(PDF) 4 Page - DENSEI-LAMBDA

Part # ZWS100PF-36
Description  Single output 50W ~ 150W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS100PF-36 Datasheet(HTML) 4 Page - DENSEI-LAMBDA

  ZWS100PF-36 Datasheet HTML 1Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 2Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 3Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 4Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 5Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 6Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 7Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 8Page - DENSEI-LAMBDA ZWS100PF-36 Datasheet HTML 9Page - DENSEI-LAMBDA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
62
Model name
ZWS 100PF-5/
ZWS150PF
ZWS100PF
ZWS150PF
ZWS75PF
ZWS120PPF
ZWS-PF-SERIES
Single output 75W ~ 150W
1. Input voltage range
2. Output Voltage range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. CE marking
8. EMI
9. Immunity
10. PFHC
11. Functions
85~132VAC/170~265VAC (47~63Hz)auto-selectable
10%
Convection cooling
ZWS100PF
-10°C~+50°C:100%,+60°C:60%
ZWS120PPF
-10°C~+50°C:100%,+60°C:70%
ZWS150PF
Convection cooling -10°C~+30°C:100%,+40°C:80%,+60°C:50%
Forced air cooling -10°C~+50°C:100%,+60°C:70% (0.7m/S)
Input-output : 3kVAC (20mA) , Input-chassis : 2kVAC (20mA) , Output-chassis : 500VAC (100mA) for 1 min
Approved by UL1950
, CSA950(C-UL)
, EN60950(TUV)
Conforms to low voltage directive
Meets to EN55011-B,EN55022-B,FCC-B,VCCI-B
Meets to EN50082-2(EN61000-4-2,-3,-4,-5,-6)
Meets to EN61000-3-2
ZWS75PF,ZWS100PF(Input power: over 50W)
ZWS120PPF,ZWS150PF(Input power: over75W)
Over voltage protection,Over current protection
Features
marking (Low Voltage Directive)
Passive Filter contained, PFHC type
Applicable to peak output wattage 120%
(200% for ZWS120PPF)
Low Cost!!
Equipped with output variable voltage
Series Name
Output
Voltage
Passive
Filter
contained
Output
Wattage
Option
blank: Molex connector, PCB type
(JST connector for 120PPF)
A: Molex connector, with-cover type
(JST connector for 120PPF)
J: JST connector, PCB type
JA: JST connector, with-cover type
Specifications
(Low Voltage Directive)
2 year warranty
ZWS75PF-3
ZWS75PF-5
ZWS75PF-12
ZWS75PF-15
ZWS75PF-24
ZWS75PF-36
ZWS75PF-48
ZWS100PF-3
ZWS100PF-5
ZWS100PF-12
ZWS100PF-15
ZWS100PF-24
ZWS100PF-36
ZWS100PF-48
ZWS120PPF-24
ZWS120PPF-36
ZWS150PF-3
ZWS150PF-5
ZWS150PF-12
ZWS150PF-15
ZWS150PF-24
ZWS150PF-36
ZWS150PF-48
ZWS75PF
ZWS100PF
ZWS120PPF
ZWS150PF
3.3V
5V
12V
15V
24V
36V
48V
3.3V
5V
12V
15V
24V
36V
48V
24V
36V
3.3V
5V
12V
15V
24V
36V
48V
15A
15A
6.3A
5A
3.2A
2.1A
1.6A
20A
20A
8.5A
6.7A
4.3A
2.8A
2.1A
5A
3.4A
30A
30A
12.5A
10A
6.3A
4.2A
3.2A
18A
18A
7.5A
6A
3.8A
2.5A
1.9A
24A
24A
10A
8A
5A
3.4A
2.5A
10A
6.7A
36A
36A
15A
12A
7.5A
5A
3.8A
49.5W
75W
76W
75W
76.8W
75.6W
76.8W
66W
100W
102W
100.5W
103.2W
100.8W
100.8W
120W
122.4W
99W
150W
150W
150W
151.2W
151.2W
153.6W
Model name
UL
CSA
EN
Nominal
output voltage
Max.
output current
Max. peak output
current
Max. output power
Product lineup
: Safety standard approved
Note 1
Note1 : Duration at peak current 10 seconds max.(Duty : 0.35 max.)
Based on the data under normal installation and without cover type. Needs output derating
according to installation method or ambient temperature condition.


Similar Part No. - ZWS100PF-36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ZWS100 VISHAY-ZWS100 Datasheet
190Kb / 11P
   Cemented Wirewound Resistors with Lugs
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF-12 LAMBDA-ZWS100AF-12 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF-15 LAMBDA-ZWS100AF-15 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF-24 LAMBDA-ZWS100AF-24 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results

Similar Description - ZWS100PF-36

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
   Single output 10W~150W?
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
logo
TDK Electronics
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com