Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62J12S1AHQA Datasheet(PDF) 3 Page - ITT Industries

Part # DF62J12S1AHQA
Description  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DF62J12S1AHQA Datasheet(HTML) 3 Page - ITT Industries

  DF62J12S1AHQA Datasheet HTML 1Page - ITT Industries DF62J12S1AHQA Datasheet HTML 2Page - ITT Industries DF62J12S1AHQA Datasheet HTML 3Page - ITT Industries DF62J12S1AHQA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DF Series
Power Rocker Switches
HOUSING STYLE/COLOR
TERMINATIONS
PANEL MOUNTING
.480
(12,19)
DF72 Models Only
PC MOUNTING
S
SUB-PANEL
P
PANEL
A
RIGHT ANGLE, PC THRU-HOLE
15
QUICK CONNECT
G2
ACTUATOR GUARD
NOTE: DF52 & DF62 models only.
NOTE: Not available with ‘A’ termination.
Available in black only.
NOTE: DF52 and DF62 Models Only (Not VDE approved)
NOTE: Not available with ‘A’ termination.
Available in black only.
NOTE: Housing finish: matte. Other colors
available, consult Customer Service Center.
DF52 & DF62 Models
with ‘S’ housing style
DF52, DF62 & DF72 Models
with ‘P2’ & ‘G2’ housing style
2
(STD.) BLACK
1
WHITE
HOUSING
COLOR
OPTION
CODE
1.075
(27,31)
.075–.140
(1,91) (3,56)
1.045
(26,54)
.078–.117
(1,98) (2,97)
1.029
(26,14)
.048–.078
(1,22) (1,98)
1.021
(25,93)
.029–.048
(0,74) (1,22)
DIM ‘A’
PANEL THICKNESS
H-81
NEW!


Similar Part No. - DF62J12S1AHQA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
Hirose Electric
DF62 HIROSE-DF62 Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SC HIROSE-DF62-22SC Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCA HIROSE-DF62-22SCA Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCF HIROSE-DF62-22SCF Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
More results

Similar Description - DF62J12S1AHQA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com