Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT62L25616BS-55LI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT62L25616BS-55LI
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT62L25616BS-55LI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT62L25616BS-55LI Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L25616BS-55LI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UTRON
UT62L25616(I)
Rev. 1.1
256K X 16 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80054
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
4
CAPACITANCE (TA=25℃, f=1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF, IOH/IOL = -1mA / 2.1mA
AC ELECTRICAL CHARACTERISTICS (VCC =2.7V~3.6V, TA = -40℃ to 85℃(I))
(1) READ CYCLE
PARAMETER
SYMBOL UT62L25616(I)-55 UT62L25616(I)-70 UT62L25616(I)-100 UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
55
-
70
-
100
-
ns
Address Access Time
tAA
-
55
-
70
-
100
ns
Chip Enable Access Time
tACE
-
55
-
70
-
100
ns
Output Enable Access Time
tOE
-
30
-
35
-
50
ns
Chip Enable to Output in Low Z
tCLZ*
10
-
10
-
10
-
ns
Output Enable to Output in Low Z
tOLZ*
5
-
5
-
5
-
ns
Chip Disable to Output in High Z
tCHZ*
-
20
-
25
-
30
ns
Output Disable to Output in High Z
tOHZ*
-
20
-
25
-
30
ns
Output Hold from Address Change
tOH
5
-
5
-
5
-
ns
LB , UB Access Time
tBA
-
55
-
70
-
100
ns
LB , UB to High-Z Output
tHZB
-
25
-
30
-
40
ns
LB , UB to Low-Z Output
tLZB
0
-
0
-
0
-
ns
(2) WRITE CYCLE
PARAMETER
SYMBOL UT62L25616(I)-55 UT62L25616(I)-70 UT62L25616(I)-100 UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
tWC
55
-
70
-
100
-
ns
Address Valid to End of Write
tAW
50
-
60
-
80
-
ns
Chip Enable to End of Write
tCW
50
-
60
-
80
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Write Pulse Width
tWP
45
-
55
-
70
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Data to Write Time Overlap
tDW
25
-
30
-
40
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
0
-
ns
Output Active from End of Write
tOW*
5
-
5
-
5
-
ns
Write to Output in High Z
tWHZ*
-
30
-
30
-
40
ns
LB , UB Valid to End of Write
tBW
45
-
60
-
80
-
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - UT62L25616BS-55LI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35L ETC-UT62L1024LC-35L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35LL ETC-UT62L1024LC-35LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55L ETC-UT62L1024LC-55L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55LL ETC-UT62L1024LC-55LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L25616BS-55LI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com