Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDD40-24S03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KDD40-24S03
Description  DC-DC CONVERTER 33 ~ 48W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KDD40-24S03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KDD40-24S03 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD40-24S03 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD40-24S03 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDD40-24S03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTER
KDD40 SERIES
33 ~ 48W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
KDD40 – 12 S 01
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
KDD40 – 12S01
9~18 VDC
40 WATTS
+ 5 VDC
8000 mA
75%
C
KDD40 – 12S02
9~18 VDC
42 WATTS
+ 12 VDC
3500 mA
78%
C
KDD40 – 12S03
9~18 VDC
45 WATTS
+ 15 VDC
3000 mA
79%
C
KDD40 – 12S04
9~18 VDC
48 WATTS
+ 24 VDC
2000 mA
80%
C
KDD40 – 12S05
9~18 VDC
33 WATTS
+3.3 VDC
10000 mA
73%
C
KDD40 – 24S01
18~36 VDC
40 WATTS
+ 5 VDC
8000 mA
79%
C
KDD40 – 24S02
18~36 VDC
42 WATTS
+ 12 VDC
3500 mA
81%
C
KDD40 – 24S03
18~36 VDC
45 WATTS
+ 15 VDC
3000 mA
81%
C
KDD40 – 24S04
18~36 VDC
48 WATTS
+ 24 VDC
2000 mA
81%
C
KDD40 – 24S05
18~36 VDC
33 WATTS
+3.3 VDC
10000 mA
77%
C
KDD40 – 48S01
36~72 VDC
40 WATTS
+ 5 VDC
8000 mA
79%
C
KDD40 – 48S02
36~72 VDC
42 WATTS
+ 12 VDC
3500 mA
81%
C
KDD40 – 48S03
36~72 VDC
45 WATTS
+ 15 VDC
3000 mA
82%
C
KDD40 – 48S04
36~72 VDC
48 WATTS
+ 24 VDC
2000 mA
84%
C
KDD40 – 48S05
36~72 VDC
33 WATTS
+3.3 VDC
10000 mA
77%
C
12 : 9~18V IN
24 : 18~36V IN
48
:36~72V IN
WATTAGE
01: 5V or
±5V or
+
5V/±12V OUT
02: 12V or
±12V or
+5
V/±15V OUT
03: 15V or
±15V or
+5V/+12V/-5V OUT
04: 24V OUT
05: 3.3V OUT


Similar Part No. - KDD40-24S03

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDD COOPER-KDD Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDD EATON-KDD Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
VBsemi Electronics Co.,...
KDD VBSEMI-KDD Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
List of Unclassifed Man...
KDD25 ETC-KDD25 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - KDD40-24S03

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Artesyn Technologies
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com