Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVH61V1AD Datasheet(PDF) 1 Page - MTRONPTI

Part # MVH61V1AD
Description  8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MVH61V1AD Datasheet(HTML) 1 Page - MTRONPTI

  MVH61V1AD Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MVH Series
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
Revison: 7-12-06
Pin Connections
General purpose VCXO for Phase Lock Loops (PLL),
Clock Recovery, Reference Signal Tracking and
Synthesizers
Frequencies up to 50 MHz and tri-state option


Similar Part No. - MVH61V1AD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVH61V1AD MTRONPTI-MVH61V1AD Datasheet
303Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVH61V1AD-R MTRONPTI-MVH61V1AD-R Datasheet
303Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results

Similar Description - MVH61V1AD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVH MTRONPTI-MVH_07 Datasheet
303Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
   14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
K1603T MTRONPTI-K1603T Datasheet
238Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1525C MTRONPTI-K1525C Datasheet
248Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1524A MTRONPTI-K1524A Datasheet
259Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1525C MTRONPTI-K1525C_07 Datasheet
263Kb / 2P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
K1603TE MTRONPTI-K1603TE Datasheet
240Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com