Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D203J52B215QA Datasheet(PDF) 3 Page - ITT Industries

Part # D203J52B215QA
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D203J52B215QA Datasheet(HTML) 3 Page - ITT Industries

  D203J52B215QA Datasheet HTML 1Page - ITT Industries D203J52B215QA Datasheet HTML 2Page - ITT Industries D203J52B215QA Datasheet HTML 3Page - ITT Industries D203J52B215QA Datasheet HTML 4Page - ITT Industries D203J52B215QA Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
H–64
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
ACTUATOR
MOUNTING STYLE/COLOR
SP
DP
PANEL MOUNTING
SP MODELS
'S' & 'G2' mounting styles
DP MODELS
'S' mounting style
SP MODELS
'B2' mounting style
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
NOTE: Actuator finish: matte.
Other colors available, consult
Customer Service Center.
NOTE: Frame finish on housing: matte.
Other colors available, consult Customer
Service Center.
2
(STD.) BLACK
1
WHITE
HOUSING
COLOR
OPTION
CODE
J1
ROCKER
S
SNAP-IN
B2
RECESSED SNAP-IN ACTUATOR GUARD, BLACK
G2
ACTUATOR GUARD, BLACK
J5
LEVER
NOTE: Vertical mount, SP models only.
NOTE: Vertical mount, SP models only.
NOTE: Blank insert available for SP models only, see page H-68.
‘J5’ actuator available only with DP
models D201, D202, D601 and D602.
ACTUATOR COLOR
ACTUATOR
NEW!
PANEL
THICKNESS
.030–.049
(0,76) (1,24)
.049–.079
(1,24) (2,01)
.079–.118
(2,01) (3,00)
.756
(19,20)
.764
(19,41)
.780
(19,81)
.764
(19,41)
.780
(19,81)
n/a
1.068
(27,13)
1.076
(27,33)
1.092
(27,74)
DIM ‘A’
SP & DP MODELS
‘S’ MOUNTING STYLE
DIM ‘A’
WITH ‘G2” OPTION
SP MODELS ONLY
DIM ‘A’
SP MODELS
‘B’ MOUNTING STYLE


Similar Part No. - D203J52B215QA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D203 ETC1-D203 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D203 MPD-D203 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
C&K Components
D203 CK-COMPONENTS-D203 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Seme LAB
D2030 SEME-LAB-D2030 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
logo
G.M. International
D2030 GMI-D2030 Datasheet
278Kb / 2P
   Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
More results

Similar Description - D203J52B215QA

ManufacturerPart #DatasheetDescription
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com