Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C121J11S1WCPQF Datasheet(PDF) 1 Page - ITT Industries

Part # C121J11S1WCPQF
Description  Power Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

C121J11S1WCPQF Datasheet(HTML) 1 Page - ITT Industries

  C121J11S1WCPQF Datasheet HTML 1Page - ITT Industries C121J11S1WCPQF Datasheet HTML 2Page - ITT Industries C121J11S1WCPQF Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H-103
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
Models Available
C&K C Series
Power Rocker Switches
Features/Benefits
Positive detent
Attractive design
Snap-in mounting
Typical Applications
Floor care products
Power outlet strips
Small appliances
RoHS compliant
Specifications
CONTACT RATING: All Models: 15 AMPS @ 125 V AC; 10 AMPS
@ 250 V AC
. Models also available with
see rating section.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 2,500 Vrms min. @ sea level.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
HOUSING & ACTUATOR: 6/6 nylon (UL 94V-2), black (standard).
MOVABLE CONTACTS: Copper, silver plated.
STATIONARY CONTACT & TERMINALS:
C121, C122 models with ‘QA’ rating: Copper, silver plated.
C221, C222 models with ‘QA’ rating: Copper.
All models with ‘QF’ rating: Copper, silver plated.
CONTACT SPRING: Music wire or stainless steel.
OPERATING TEMPERATURE: -30ºC to +65ºC
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H-103 and H-105. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
C121 SPDT, On-On
C122 SPST, On-Off
C221 DPDT, On-On
C222 DPST, On-Off
Actuator
J1 Rocker
Actuator Color
2 Black
1 White
3 Red
Mounting Style/Color
S2 Snap-in, black
S1 Snap-in, white
Contact Material
QA Silver (UL/CSA)
QF Silver (UL/CSA/VDE)
Terminations
05 Quick connect
WC Wire Wrap
Actuator Markings
NONE No markings
D ON-OFF
P O –


Similar Part No. - C121J11S1WCPQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
C121J105DQA CK-COMPONENTS-C121J105DQA Datasheet
354Kb / 3P
   Power Rocker Switches
C121J1205DQA CK-COMPONENTS-C121J1205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
C121J1S205DQA CK-COMPONENTS-C121J1S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
More results

Similar Description - C121J11S1WCPQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com