Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT22J2RB202QA Datasheet(PDF) 1 Page - ITT Industries

Part # DT22J2RB202QA
Description  Miniature Double Pole Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DT22J2RB202QA Datasheet(HTML) 1 Page - ITT Industries

  DT22J2RB202QA Datasheet HTML 1Page - ITT Industries DT22J2RB202QA Datasheet HTML 2Page - ITT Industries DT22J2RB202QA Datasheet HTML 3Page - ITT Industries DT22J2RB202QA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ittcannon.com
H–67
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
H
DT Series
Miniature Double Pole Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–67 through H–70. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL/CSA: 8 AMPS @ 125 VAC, 4 AMPS @ 250 VAC
VDE: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC.
QH version: 16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
OPERATING TEMTERATURE: -20ºC to +85ºC
Features/Benefits
Illuminated versions available
Double pole switching in
miniature package
Snap-in mounting
RoHS compliant
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated AgCdo.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE
: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Small appliances
Computers and peripherals
Medical instrumentation
Lamp Rating
(NONE) No lamp
7 125 VAC neon
8 250 VAC neon
Actuator
J1 Rocker
J2 Two-tone rocker
J3 Illuminated rocker
Switch Function
DT12 SPST On-None-Off
DT22 DPST On-None-Off
Actuator Color
2 Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QA Silver (UL/CSA)
QF Silver (VDE)*
QH Silver (High current)*
Mounting Style/Color
S2 Snap-in, black
S1 Snap-in, white
B2 Recessed snap-in bracket, black
G2 Guard, black
Actuator Marking
(NONE) No marking
D ON-OFF
H ”O l” - international ON-OFF
N Large dot
P ”O -” international ON-OFF
Termination
15 .187” quick connect
02 PC Thru-hole
A
Right angle, PC thru-hole
NEW!
* QF available with termination 15 only.
Models Available


Similar Part No. - DT22J2RB202QA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DT221UGK DALLAS-DT221UGK Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH DALLAS-DT221URH Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH-N DALLAS-DT221URH-N Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URK-NPS DALLAS-DT221URK-NPS Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URKPS DALLAS-DT221URKPS Datasheet
2Mb / 7P
   An economical means of transferring power
More results

Similar Description - DT22J2RB202QA

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
C&K Components
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com