Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA324-20AU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA324-20AU
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324-20AU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA324-20AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 9Page - ATMEL Corporation ATMEGA324-20AU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
ATmega164/324/644
2593AS–AVR–06/05
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A serves as analog inputs to the Analog-to-digital Converter.
Port A also serves as an 8-bit bi-directional I/O port with internal pull-up resistors
(selected for each bit). The Port A output buffers have symmetrical drive characteristics
with both high sink and source capability. As inputs, Port A pins that are externally
pulled low will source current if the pull-up resistors are activated. The Port A pins are
tri-stated when a reset condition becomes active, even if the clock is not running.
Port A also serves the functions of various special features of the ATmega164/324/644
as listed on page 71.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port B also serves the functions of various special features of the ATmega164/324/644
as listed on page 73.
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port C output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port C pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port C also serves the functions of the JTAG interface, along with special features of the
ATmega164/324/644 as listed on page 76.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port D output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port D also serves the functions of various special features of the ATmega164/324/644
as listed on page 78.
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will gener-
ate a reset, even if the clock is not running. The minimum pulse length is given in Table
20 on page 44. Shorter pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting Oscillator amplifier.
AVCC
AVCC is the supply voltage pin for Port F and the Analog-to-digital Converter. It should
be externally connected to V
CC, even if the ADC is not used. If the ADC is used, it should
be connected to V
CC through a low-pass filter.


Similar Part No. - ATMEGA324-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega324 ATMEL-ATmega324 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
ATMEGA324A ATMEL-ATMEGA324A Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A ATMEL-ATMEGA324A Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA324A-AU ATMEL-ATMEGA324A-AU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A-AUR ATMEL-ATMEGA324A-AUR Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA324-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com