Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA555812M01-PAE Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA555812M01-PAE
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555812M01-PAE Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA555812M01-PAE Datasheet HTML 6Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 7Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 8Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 9Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 10Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 11Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 12Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 13Page - ATMEL Corporation ATA555812M01-PAE Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
4681C–RFID–09/05
ATA5558 [Preliminary]
3.1
Tag to Interrogator Communication
All transmissions from the tag to the interrogator utilize amplitude modulation (ASK) of the RF
carrier. This takes place by controlled switching of a resistive load between the coil pads which in
turn modulates the RF field generated by the interrogator.
The tag is capable of communicating with the interrogator via inductive coupling. Typical exam-
ples of the incorporated amplitude modulation is shown in Figure 3-1:
• Manchester encoded data signal
• Bi-phase encoded data signal
• NRZ direct data encoding
• Dual pattern data coding is used during the anticollision loop and for an error code response
Figure 3-1.
Tag to Interrogator - Load Modulation Coding
3.1.1
Start of Frame (SOF) Encoding
After the reception of a valid interrogator command the tag will reply immediately with a Start of
Frame (SOF) pattern. The SOF pattern is made up of a variable length preamble and a fixed
2-bit (Manchester) code violation followed by a half bit duration of unmodulated carrier. The pre-
amble length as set in the configuration block defines the number of (Manchester coded) zero
initialization data bits. If the preamble length in the configuration register is set to zero, a single
start bit will precede on the code violation.
NRZ
Data
Anticollision dual pattern
data coding
load on
load off
T
d
load on
load off
T
d
T
d
T
d
Normal Manchester
data coding
load on
load off
T
d
load on
load off
T
d
Normal Biphase
data coding
load on
T
d
or
load off
load on
load off
load on
load off
T
d
or
Data "1"
Data "0"


Similar Part No. - ATA555812M01-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555812M01-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558_09 Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com