Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA555812-PAE Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA555812-PAE
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555812-PAE Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA555812-PAE Datasheet HTML 5Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 6Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 7Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 8Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 9Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 10Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 11Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 12Page - ATMEL Corporation ATA555812-PAE Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
4681C–RFID–09/05
ATA5558 [Preliminary]
2.8
Tag Configuration Register
The internal tag configuration register holds a shadow copy of the configuration settings stored
in the system memory’s block 63. It is refreshed after every POR cycle (RF field on), Reset to
Ready or Write to block 63.
Figure 2-7.
Configuration Register
3.
Transmission Protocol
The transmission protocol defines the mechanism to exchange commands and data between
the interrogator and the tags. In all but the Public and EAS Mode, the interrogator has complete
control over the communication flow – all data transmission being synchronized to interrogator
commands and the interrogator field clock – “Interrogator Talks First” (ITF) principle. This means
that a tag does not transmit data, unless it has received and properly decoded an interrogator
command.
The protocol is based on an exchange of
• commands from the interrogator to the tag (Downlink mode)
• and response from the tag to the interrogator (Uplink mode)
ITF =Interrogator Talks First Mode
PM = Public Mode
EAS = Electrical Article Surveillance
NRZ = Non Return to Zero
Notes:
(1) If master key = 6hex then all test modes are ignored and password protection enabled
(2) If DDR = 1 and master key = 6hex or 9hex then data rate = fast, otherwise slow
R = reserved for future use, should be set to 0
x = don't care state
L
a4 a3
p2
a2 a1 a0
RF/2(n+1)
...LSB
MSB...
32
1
0
76
5
4
15 14 13 12
19 18 17 16
23 22 21 20
11 10 9
8
27 26 25 24
31 30 29 28
1
1
0
0
0 = Reserved
Max. Block
0 = Unlocked
1 = Locked
R R
Uplink
Data Bit Rate
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
= 16 bit
= 32 bit
= 48 bit
= 64 bit
= 80 bit
= 96 bit
= 40 bit
= 56 bit
1 = Downlink CRC check
mandatory
TagID
Length
Downlink Data Rate
(DDR)(2)
0
0
R
00
01
10
11
= Manchester
= NRZ (Direct Coding)
= FDX-B (Biphase)
= Reserved
Uplink
Encoding
SOF
Preamble
Length
( bit periods )
= 1
= 2
.
.
= 8
00
0
00
1
..
.
..
.
11
1
Master Key(1)
Lock Bit
p1 p0
0
n4 n3 n2 n1 n0
x0
01
11
= ITF
= PM
= EAS
Operating
Mode


Similar Part No. - ATA555812-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555812-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558_09 Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com