Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N2901FN Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H5N2901FN
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2901FN Datasheet(HTML) 3 Page - Renesas Technology Corp

  H5N2901FN Datasheet HTML 1Page - Renesas Technology Corp H5N2901FN Datasheet HTML 2Page - Renesas Technology Corp H5N2901FN Datasheet HTML 3Page - Renesas Technology Corp H5N2901FN Datasheet HTML 4Page - Renesas Technology Corp H5N2901FN Datasheet HTML 5Page - Renesas Technology Corp H5N2901FN Datasheet HTML 6Page - Renesas Technology Corp H5N2901FN Datasheet HTML 7Page - Renesas Technology Corp H5N2901FN Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
H5N2901FN
Rev.1.00, May.28.2004, page 3 of 7
Main Characteristics
40
30
20
10
0
50
100
150
200
300
100
30
10
3
1
13
10 30
100 300 1000
0.3
0.1
1000
Ta = 25
°C
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C)
10
µs
Operation in
this area is
limited by RDS(on)
100
80
60
40
20
0
48
12
16
20
100
80
60
40
20
0
24
68
10
10 V
VGS = 5 V
Tc = 75
°C
25
°C
–25
°C
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
6 V
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
Pulse Test
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
5
4
3
2
1
0
48
12
16
20
1
5
20
100
210
50
0.2
0.1
0.05
0.02
0.01
I
= 30 A
D
15 A
V
= 10 V
GS
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current
ID (A)
Pulse Test
7 V
9 A
8 V
0.03
0.01
0.1 0.3


Similar Part No. - H5N2901FN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2901FL-M0 RENESAS-H5N2901FL-M0 Datasheet
102Kb / 7P
   290V - 18A - MOS FET High Speed Power Switching
H5N2901FL-M0-ET2 RENESAS-H5N2901FL-M0-ET2 Datasheet
102Kb / 7P
   290V - 18A - MOS FET High Speed Power Switching
H5N2901FL-M0 RENESAS-H5N2901FL-M0_15 Datasheet
102Kb / 7P
   290V - 18A - MOS FET High Speed Power Switching
More results

Similar Description - H5N2901FN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com