Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C874 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM79C874 Datasheet HTML 1Page - Advanced Micro Devices AM79C874 Datasheet HTML 2Page - Advanced Micro Devices AM79C874 Datasheet HTML 3Page - Advanced Micro Devices AM79C874 Datasheet HTML 4Page - Advanced Micro Devices AM79C874 Datasheet HTML 5Page - Advanced Micro Devices AM79C874 Datasheet HTML 6Page - Advanced Micro Devices AM79C874 Datasheet HTML 7Page - Advanced Micro Devices AM79C874 Datasheet HTML 8Page - Advanced Micro Devices AM79C874 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
Am79C874
P R E L I M INARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am79C874
NetPHY-1LP Low Power 10/100-TX/FX Ethernet
Transceiver
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (-40°C to +85°C)
ALTERNATE PACKAGING OPTION
Not Applicable
PACKAGE TYPE
V = 80-Pin Thin Plastic Quad Flat Pack (PQT 80)
AM79C874
V
SPEED OPTION
Not Applicable
C/I
Valid Combinations
AM79C874
VC
AM79C874
VI


Similar Part No. - AM79C874

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C875KC AMD-AM79C875KC Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C875KI AMD-AM79C875KI Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
More results

Similar Description - AM79C874

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
   Quad 3 V 10/100 Ethernet Transceiver TX/FX
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
   10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
   10/100 BASE TX/FX HEX TRANSCEIVER
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
   10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
   10/100 BASE-TX/FX 8 PORT TRANSCEIVER
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com