Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN20J1RS205DQ Datasheet(PDF) 3 Page - ITT Industries

Part # CN20J1RS205DQ
Description  Double Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CN20J1RS205DQ Datasheet(HTML) 3 Page - ITT Industries

  CN20J1RS205DQ Datasheet HTML 1Page - ITT Industries CN20J1RS205DQ Datasheet HTML 2Page - ITT Industries CN20J1RS205DQ Datasheet HTML 3Page - ITT Industries CN20J1RS205DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H-101
H
ACTUATOR COLOR
MOUNTING STYLE/COLOR
C&K CN Series
Double Pole Power Rocker Switches
OPTION
ACTUATOR
CODE
COLOR
2
BLACK
1
WHITE
3
RED
R
RED, ILLUMINATED
A
AMBER, ILLUMINATED
G
GREEN, ILLUMINATED
PANEL MOUNTING
PANEL THICKNESS
“X”
“Y”
0.030-0.049 (0,75-1,25)
1.190-.004 (30,2-0,1)
0.874+.004 (22,2+0,1)
0.049-0.079 (1,25-2,0)
1.197-.004 (30,4-0,1)
0.874+.004 (22,2+0,1)
0.079-0.118 (2,0-3,0)
1.213-.004 (30,8-0,1)
0.874+.004 (22,2+0,1)
S4 SNAP-IN, BLACK
S3 SNAP-IN, WHITE
S2 SNAP-IN, BLACK
S1 SNAP-IN, WHITE
1b
3b
2b
1b
3b
2b
TERMINATION
15 .187” QUICK CONNECT
05 .250” QUICK CONNECT
NOTE: Available with S1 & S1 mounting style and Q contact rating only.
1b
3b
2b
.425
(1,8)
.102 DIA.
(ø2,6)
.250
(6,35)
.413
(10,5)
NOTE: Available with 15 termination and Q contact rating only.
NOTE: Available with 05 termination and QA contact rating only.
NOTE: Available with S3 & S4 mounting styles and QA contact rating,
CN201 & CN202 switch functions only.


Similar Part No. - CN20J1RS205DQ

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CN20 HONEYWELL-CN20 Datasheet
449Kb / 6P
   NON-SPRING RETURN DIRECT-COUPLED DAMPER ACTUATORS FOR FLOATING / 2-POSITION CONTROL
logo
TDK Electronics
CN200A110-12 TDK-CN200A110-12 Datasheet
261Kb / 2P
   30W to 200W 60 to 160VDC Input DC-DC Converters
CN200A110-12 TDK-CN200A110-12 Datasheet
184Kb / 2P
   DC-DC Converters
CN200A110-12-CO TDK-CN200A110-12-CO Datasheet
184Kb / 2P
   DC-DC Converters
CN200A110-12/CO TDK-CN200A110-12/CO Datasheet
184Kb / 2P
   DC-DC Converters
More results

Similar Description - CN20J1RS205DQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com