Electronic Components Datasheet Search |
|
EP1-B3G1 Datasheet(PDF) 8 Page - NEC |
|
EP1-B3G1 Datasheet(HTML) 8 Page - NEC |
8 / 12 page 8 MR301 Series FEATURES q Medium load applications such as interval wipers and stereo q Delivered in stick-tube for automatic insertion machine q Flux tight housing q Washable type available q High standoff type (0.8 mm) available (“L” suffix) PART NUMBERS AND COIL RATINGS Nominal Coil Nominal Must Must Nominal Voltage Resistance Current Operate Voltage Release Voltage Operate Power (Vdc) ( Ω ± 10%) (mA) (Vdc max.) (Vdc min.) (W) 6 100 60 4.2 0.6 0.36 9 225 40 6.3 0.9 0.36 12 320 38 8.0 1.2 0.45 12 400 30 8.4 1.2 0.36 Part Numbers 5 A Type 10 A Type 15 A Type MR301-6SL MR301-6HSL MR301-6ESL MR301-9SL MR301-9HSL MR301-9ESL MR301-N39L MR301-N40L MR301-N40EL MR301-12SL MR301-12HSL MR301-12ESL at 25˚C (77˚F) s NUMBERING SYSTEM DIMENSIONS mm (inch) 5 SCHEMATIC (BOTTOM VIEW) PCB PAD LAYOUT mm (inch) (BOTTOM VIEW) 3 12.2 (0.08) 12 (0.47) 2 (0.08) 22.5 (0.89) Max. 16.5 (0.65) Max. 2.3 (0.09) 2.3 (0.09) 12.2 (0.48) 2 (0.08) 1.8 ( 0.07) φ φ 1.6 ( 0.06) φ φ 42 1 MR301-6HUSL 1. Type Cover Nominal Coil voltage (at 25 °C) Enclosure Contacts Nil : 16.7 mm max. height (including 0.3 mm stand off) Color – Black L : 17.0 mm max. height (including 0.8 mm stand off) Color – Gray Nil : Unsealed S : Sealed 6 : 6 V, DC 9 : 9 V, DC 12 : 12 V, DC Hil : 5 A type H : 10 A type E : 15 A type (E type is not recognized by UL and CSA) Nil : Standard type U : UL, CSA recognized type MR301-N ∗ EL 2. Type Cover Custom code Contacts The same to item No.1 Nil : 5 A or 10 A type E : 15 A type Recognition |
Similar Part No. - EP1-B3G1 |
|
Similar Description - EP1-B3G1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |