Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM-S-A25-3 Datasheet(PDF) 3 Page - ITT Industries

Part # CHM-S-A25-3
Description  2.0 CONNECTOR SYSTEM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM-S-A25-3 Datasheet(HTML) 3 Page - ITT Industries

  CHM-S-A25-3 Datasheet HTML 1Page - ITT Industries CHM-S-A25-3 Datasheet HTML 2Page - ITT Industries CHM-S-A25-3 Datasheet HTML 3Page - ITT Industries CHM-S-A25-3 Datasheet HTML 4Page - ITT Industries CHM-S-A25-3 Datasheet HTML 5Page - ITT Industries CHM-S-A25-3 Datasheet HTML 6Page - ITT Industries CHM-S-A25-3 Datasheet HTML 7Page - ITT Industries CHM-S-A25-3 Datasheet HTML 8Page - ITT Industries CHM-S-A25-3 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
3
Definition of Terms
Connector according to IEC 61076-4-101
The hardmetric connector system CHM 2.0 was developed according to
the international standard IEC 61076-4-101. As a result, a worldwide
standard for the combination of PCBs is safeguarded by multicontact
plug-and-socket connectors for customers.
PCBs can be exchanged without problems from system to system.
Important parameters like fixing, shielding and coding remain compatible
to all applications.
The spacing
The CHM 2.0 connectors have been developed with a spacing of 2 mm
between contacts. These connectors are modular and therefore can be
stacked together without interrupting the continuity of the 2 mm design.
No space is wasted within a row of connectors.
Module stacking
To improve stacking and to avoid accidental reversal of connectors the
end of the housings engage the adjacent connector to insure exact
positioning onto the PCB board and give the modules the necessary
support.
Coding
In order to avoid accidental plug-in among PC boards the IEC 61076-4-
101 standard provides protection through coding. Coding keys are easily
hand inserted into the multifunction block of the connector module A, L
and M. The pins are colour coded for fast visual recognition.
Multifunction block
The modules A, L, M and compact PCI are equipped with a multifunction
block. The coding devices, according to the IEC standard, can be added
to the multifunction block. The guides guaranty the correct mating and
prohibit accidental reversal of the male and female connectors.
The coding devices may be assembled by a single plug and pulling tool
and/or again removed.
Contact length of the rear and front mating area
ITT Industries Cannon offers 3 different lengths for the front mating area
and 4 lengths for the rear mating area for the CHM 2.0 male connectors.
A tin-plated Wire Wrap type is equally available. Different contact lengths
are required for signal and ground contacts to establish first mate and
last break features.
The long contacts with 11,25 mm are predominantly used for the shielding
rows z and f.
Through-hole specification of the PCB
Through-plated holes for signal contacts and shieldings in press-fit
techniques.
Ø
e
l
o
Hm
m
6
,
0
e
l
o
h
l
l
i
r
D
m
m
2
7
,
0
-
8
6
,
0
u
C
m
µ
5
2
.
n
i
m
n
S
m
µ
5
1
-
5
h
g
u
o
r
h
t
d
e
t
a
l
P
e
l
o
h
m
m
5
6
,
0
-
5
5
,
0


Similar Part No. - CHM-S-A25-3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CHM-04C-03 CITIZEN-CHM-04C-03 Datasheet
511Kb / 1P
   Electret Condenser Microphone(Omnidirectional)
logo
Luminus, Inc
CHM-11-27-80-36-XH20-F3-3 LUMINUS-CHM-11-27-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-90-36-XH20-F3-3 LUMINUS-CHM-11-27-90-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-95-36-XH20-F3-3 LUMINUS-CHM-11-27-95-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-30-80-36-XH20-F3-3 LUMINUS-CHM-11-30-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
More results

Similar Description - CHM-S-A25-3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX560-900-FL AXIOMTEK-EBOX560-900-FL Datasheet
375Kb / 1P
   Fanless Edge System with NVIDIA짰 JETSON??TX2, 1 HDMI 2.0, 2 GbE LANs and 1 USB 2.0
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com