Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62J12G215QA Datasheet(PDF) 4 Page - ITT Industries

Part # DF62J12G215QA
Description  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DF62J12G215QA Datasheet(HTML) 4 Page - ITT Industries

  DF62J12G215QA Datasheet HTML 1Page - ITT Industries DF62J12G215QA Datasheet HTML 2Page - ITT Industries DF62J12G215QA Datasheet HTML 3Page - ITT Industries DF62J12G215QA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DF Series
Power Rocker Switches
ACTUATOR MARKINGS
CONTACT MATERIAL
AVAILABLE HARDWARE
ON
OFF
O
O
I
1A
1
‘D, H, & P’ marking options: marking color white, standard for all actuator colors except white.
Marking color black, standard for white actuators. Consult Customer Service Center for other available marking colors.
NOTE: Orientation of actuator
markings and terminals.
NONE NO MARKING
D ON-OFF
H O |
P O –
1 CONTACTS: Fine silver, silver plated.
2 TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
All models
with all options, models with ‘15’ termination and ‘QF’ contact material also
.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Actuator Guard
PART NO.
285B02000
Material: Nylon 6/6
Finish: Matte
H-82
16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC (UL/CSA).
16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC (UL/CSA).
16(2) AMPS @ 250 V AC, T100 (VDE); DF52 & DF62: 6 AMPS @ 48 V DC (VDE).
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1,2
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
QA
QF
YES
YES
YES
YES


Similar Part No. - DF62J12G215QA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
Hirose Electric
DF62 HIROSE-DF62 Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SC HIROSE-DF62-22SC Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCA HIROSE-DF62-22SCA Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCF HIROSE-DF62-22SCF Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
More results

Similar Description - DF62J12G215QA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com