Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD08CL1CBR Datasheet(PDF) 1 Page - ITT Industries

Part # CD08CL1CBR
Description  8mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CD08CL1CBR Datasheet(HTML) 1 Page - ITT Industries

  CD08CL1CBR Datasheet HTML 1Page - ITT Industries CD08CL1CBR Datasheet HTML 2Page - ITT Industries CD08CL1CBR Datasheet HTML 3Page - ITT Industries CD08CL1CBR Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-28
I
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
C&K CD Series
8mm DIP Coded Rotary Switches
Features/Benefits
Process sealed – withstands
soldering and cleaning
Thru-hole and surface mount models
Compact size saves space – 36%
smaller than traditional 10mm DIP
Crisp, positive detent ensures actua-
tion
RoHS compliant - option available
CD
Switch Function
CD08R
8 position, BCD
CD08C
8 position, BCD complement
CD10R
10 position, BCD
CD10C
10 position, BCD complement
CD16R
16 position, Hexadecimal
CD16C
16 position, Hexadecimal complement
Actuator
M0
Flush, screwdriver slot
L1
Extended, screwdriver slot
K1
Knob
Terminations
A
Right Angle, PC Thru-hole
C
PC Thru-hole
S
Surface Mount
Contact/Terminal Material
K
Gold/Tin-Lead
B
Gold/Gold
Packaging
NONE
Tube
R
Tape & Reel (MO actuator only)
Typical Applications
Address switching applications
Data storage devices
Computer and peripherals
Instrumentation
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or V DC max.
MECHANICAL AND ELECTRICAL LIFE:
CD10 & CD16: 20,000 actuations.
CD08: 12,000 actuations.
CONTACT RESISTANCE: 50 milliohms max. initial.
INSULATION RESISTANCE: 100 megohms min.
@ 250 V AC min.
DIELECTRIC STRENGTH: 250 V RMS min. @ sea level.
OPERATING TEMPERATURE: -25°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
SOLDERABILITY: Per MIL-STD-202F method 208D or EIA RS-
186E, method 9 (1 hour steam aging).
PACKAGING: Switches supplied in rigid tubes in full-tube quan-
tities only: this may affect order quantity. Surface mount
switches available in tape & reel packaging per EIA 481A,
800 per reel, “M0” actuator only.
Materials
COVER & BASE: Glass filled nylon, flame retardant (UL 94V-0).
RoHS, Version, PPS (UL94V-0).
ACTUATOR: LCP (UL 94V-0), internal o-ring seal standard with
all actuators.
KNOB: Glass filled nylon, flame retardant (UL 94V-0).
MOVABLE CONTACTS: Copper alloy with gold plate over
nickel plate.
STATIONARY CONTACTS: Copper alloy with gold plate over
nickel plate.
TERMINALS: Copper alloy with tin-lead alloy over nickel plate.
RoHS, Version copper alloy with gold plate over nickel plate.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.


Similar Part No. - CD08CL1CBR

ManufacturerPart #DatasheetDescription
logo
C&K Components
CD08CL1CB-R CK-COMPONENTS-CD08CL1CB-R Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
More results

Similar Description - CD08CL1CBR

ManufacturerPart #DatasheetDescription
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com