Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89547LMITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89547LMITR
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89547LMITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89547LMITR Datasheet HTML 1Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 2Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 3Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 4Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 5Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 6Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 7Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 8Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY89547L
Micrel, Inc.
M9999-060906
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
4, 2, 32,
IN0, /IN0,
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
30, 27, 25, 23, 21
IN1, /IN1,
accept AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
IN2, /IN2,
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
IN3, /IN3
state if left open. Unused differential input pairs can be terminated by connecting one input
to VCC and the complementary input to GND through a 1kΩ resistor. The VT pin is to be
left open in this configuration. Please refer to the “Input Interface Applications” section for
more details.
3, 31, 26, 22
VT0, VT1,
Input Termination Center-Tap: Each side of the differential input pair, terminates to a VT
VT2, VT3
pin. The VTA0, VTA1, VTB0, VTB1 pins provide a center-tap to a termination network for
maximum interface flexibility. See “Input Interface Applications” section for more details.
6, 19
SEL0, SEL1
These single-ended TTL/CMOS compatible inputs select the inputs to the multiplexers.
Note that these inputs are internally connected to a 25kΩ pull-up resistor and will default
to a logic HIGH state if left open. Input switching threshold is VCC/2.
1, 5, 8,
VCC
Positive Power Supply: Bypass with 0.1µF0.01µF low ESR capacitors.
17, 20, 24, 28, 29
10, 11, 14, 15
Q0, /Q0,
Differential Outputs: These LVDS output pairs are the outputs of the device. They are a
Q1, /Q1
logic function of the INA0, INA1, INB0, INB1 and SELA and SELB inputs. Please refer to
the “Truth Table’” for details. If an output is not used, it must be terminated with 100Ω
across the differential pair.
7, 9, 12, 13, 16, 18
GND,
Ground: Ground pin and exposed pad must be connected to the same ground plane.
Exposed pad
PIN DESCRIPTION
PACKAGE/ORDERING INFORMATION
24
23
22
21
20
19
18
17
VCC
IN3
VT3
/IN3
VCC
SEL1
GND
VCC
VCC
/IN0
VT0
IN0
VCC
SEL0
GND
VCC
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF®
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89547LMI
MLF-32
Industrial
SY89547L
Sn-Pb
SY89547LMITR(2)
MLF-32
Industrial
SY89547L
Sn-Pb
SY89547LMG(3)
MLF-32
Industrial
SY89547L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89547LMGTR(2, 3)
MLF-32
Industrial
SY89547L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Recommended for new designs.


Similar Part No. - SY89547LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547LMITR MICREL-SY89547LMITR Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
More results

Similar Description - SY89547LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com