Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3810DWTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3810DWTRG4
Description  DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3810DWTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3810DWTRG4 Datasheet HTML 1Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3810DWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UCC2810, UCC3810
SLUS162C − FEBRUARY 1999 − REVISED NOVEMBER 2004
3
www.ti.com
ELECTRICAL CHARACTERISTICS
All parameters are the same for both channels, −40
_C ≤ TA ≤ 85_C for the UCC2810, 0_C ≤ TA ≤ 70_C for the
UCC3810, VCC = 10 V(1) ; RT = 150 kΩ, CT = 120 pF; no load; TA = TJ; (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
VCC Output voltage
TJ = 25_C
4.925
5.000
5.075
V
VCC Output voltage
TJ = full range,
0 mA
≤ IREF ≤ 5 mA
4.85
5.00
5.10
V
Load regulation
0 mA
≤ IREF ≤ 5 mA
5
30
Line regulation
UVLO stop threshold voltage,
0.5 V
≤ VCC ≤ VSHUNT
12
mV
Output noise voltage(7)
10 Hz < f < 10 kHz,
TJ = 25_C
235
µV
Long term stability(7)
TA = 125_C,
1000 hours
5
mV
IO(SC)Output short circuit current
−8
−25
mA
OSCILLATOR
fOSC Oscillator frequency(2)
RT = 30 kΩ
CT = 120 pF
760
880
1000
kHz
fOSC Oscillator frequency(2)
RT = 150 kΩ
CT = 120 pF
190
220
250
kHz
Temperature stability(7)
2.5%
Peak voltage
2.5
Valley voltage
0.05
V
Peak-to-peak amplitude
2.25
2.45
2.65
V
SYNC threshold voltage
0.80
1.65
2.20
SYNC input current
SYNC = 5 V
30
µA
ERROR AMPLIFIER
VFB FB input voltage
COMP = 2.5 V
2.44
2.50
2.56
V
IFB
FB input bias current
±1
µA
Open loop voltage gain
60
73
dB
fGAIN Unity gain bandwidth(7)
2
MHz
ISINK Sink current, COMP
FB = 2.7 V,
COMP = 1 V
0.3
1.4
3.5
mA
ISRCESource current, COMP
FB = 1.8 V,
COMP = 4 V
−0.2
−0.5
−0.8
mA
Minimum duty cycle
COMP = 0 V
0%
Soft-start rise time, COMP
FB = 1.8 V,
rise from 0.5 V to (REF − 1.5 V)
5
ms
(1) For UCC3810, adjust VCC above the start threshold before setting at 10 V.
(2) Oscillator frequency is twice the output frequency. f
OSC +
4
R
T
C
T
(3) Current sense gain A is defined by: A
+
DV
COMP
DV
CS
, 0 V
≤ VCS ≤ 0.8 V.
(4) Parameter measured at trip point of latch with FB = 0 V.
(5) CS blank time is measured as the difference between the minimum non-zero on-time and the CS-to-OUT delay.
(6) Start threshold voltage and VCC internal zener voltage track each other.
(7) Ensured by design. Not production tested.


Similar Part No. - UCC3810DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3810DWTR TI1-UCC3810DWTR Datasheet
357Kb / 12P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
More results

Similar Description - UCC3810DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI1-UCC2810_10 Datasheet
357Kb / 12P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Texas Instruments
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com